Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7468 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7468
Description  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7468 Datasheet HTML 8Page - STMicroelectronics TDA7468 Datasheet HTML 9Page - STMicroelectronics TDA7468 Datasheet HTML 10Page - STMicroelectronics TDA7468 Datasheet HTML 11Page - STMicroelectronics TDA7468 Datasheet HTML 12Page - STMicroelectronics TDA7468 Datasheet HTML 13Page - STMicroelectronics TDA7468 Datasheet HTML 14Page - STMicroelectronics TDA7468 Datasheet HTML 15Page - STMicroelectronics TDA7468 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TDA7468
12/23
Table 10. VOLUME
VOLUME = 0 to-87dB
MSB
LSB
VOLUME
D7
D6
D5
D4
D3
D2
D1
D0
1dB STEPS
0
0
0
0dB
0
0
1
-1dB
0
1
0
-2dB
0
1
1
-3dB
1
0
0
-4dB
1
0
1
-5dB
1
1
0
-6dB
1
1
1
-7dB
8dB STEPS
0
0
0
0dB
0
0
1
-8dB
0
1
0
-16dB
0
1
1
-24dB
1
0
0
-32dB
1
0
1
-40dB
1
1
0
-48dB
1
1
1
-56dB
VOLUME 2
00
0dB
01
-8dB
10
-16dB
11
-24dB
Table 11. VOLUME setting 1
Target Volume (dB)
Volume1 1dB step (dB)
Volume1 8dB step (dB)
Volume2 8dB step (dB)
00
00
-1
-1
-2
-2
-3
-3
-4
-4
-5
-5
-6
-6
-7
-7
-80-8
0
-9
-1
-10
-2
-11
-3
-12
-4
-13
-5
-14
-6
-15
-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com