Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7468 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7468
Description  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7468 Datasheet HTML 9Page - STMicroelectronics TDA7468 Datasheet HTML 10Page - STMicroelectronics TDA7468 Datasheet HTML 11Page - STMicroelectronics TDA7468 Datasheet HTML 12Page - STMicroelectronics TDA7468 Datasheet HTML 13Page - STMicroelectronics TDA7468 Datasheet HTML 14Page - STMicroelectronics TDA7468 Datasheet HTML 15Page - STMicroelectronics TDA7468 Datasheet HTML 16Page - STMicroelectronics TDA7468 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
TDA7468
Target Volume (dB)
Volume1 1dB step (dB)
Volume1 8dB step (dB)
Volume2 8dB step (dB)
-160-16
0
-17
-1
-18
-2
-19
-3
-20
-4
-21
-5
-22
-6
-23
-7
-240-24
0
-25
-1
-26
-2
-27
-3
-28
-4
-29
-5
-30
-6
-31
-7
-320-32
0
-33
-1
-34
-2
-35
-3
-36
-4
-37
-5
-38
-6
-39
-7
-400-40
0
-41
-1
-42
-2
-43
-3
-44
-4
-45
-5
-46
-6
-47
-7
-480-48
0
-49
-1
-50
-2
-51
-3
-52
-4
-53
-5
-54
-6
-55
-7
Target Volume (dB)
Volume1 1dB step (dB)
Volume1 8dB step (dB)
Volume2 8dB step (dB)
-560-56
0
-57
-1
Table 11. VOLUME setting 1 (continua)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com