Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1708 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ICS1708
Description  QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1708 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ICS1708 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ICS1708
SoftStart Conditioning Charge
New, over-discharged, and batteries out of long term storage may exhibit an initial high impedance conditions in response to charging, as
shown in Figure 2. Unless dealt with, this high impedance condition can cause a voltage peak and -
∆V condition at the beginning of the
charge cycle that can appear to be the response of an already full battery. To manage this condition, the ICS1708 applies a
SoftStart
conditioning charge.
Figure 2: High impedance voltage spike at the beginning of charge
The
SoftStart charge eases batteries into the fast charge stage by gradually increasing the duty cycle of the charge. The gradual increase
alleviates the voltage peak and the -
∆V condition. The duty cycle of the applied current is increased to the fast charge rate, as shown in
Figure 3, by extending the current pulse on every cycle until the pulse is about 1.1 seconds in duration. The initial current pulse is
approximately 200ms. The CMN indicator is a continuous active low during the
SoftStart conditioning stage.
Figure 3: Cycle-to-cycle increase of the
SoftStart current pulse widths
Initial Pulse
Width
cycle time
cycle time
cycle time
Initial Pulse
Width
Initial Pulse
Width
increment
time
2 x increment
time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com