Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1708 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ICS1708
Description  QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1708 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ICS1708 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 15Page - List of Unclassifed Manufacturers ICS1708 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
ICS1708
With the battery removed, the current source must be capable of raising the voltage at the VIN pin above the voltage at the OPREF pin to
ensure proper polling. With the batteries installed, the current source overshoot characteristics when turned on and off must not cause the
voltage at the VIN pin to approach the voltage at the OPREF pin. If the voltage at OPREF exceeds the voltage at VIN when a charge pulse
is applied, the polling feature will be activated.
PC Board Design Considerations
It is very important that care be taken to minimize noise coupling and ground bounce. Careful placement of wires and connectors helps
minimize resistance and inductance.
When designing the printed circuit board, make sure ground and power traces are wide and bypass capacitors are used right at IC power and
ground pins. Use separate heavy grounds for both signal and power circuits, connecting their grounds together close to where the negative
lead of the battery connects. For power circuits, keep the physical separation between power and return (ground) to a minimum to minimize
field effects. This precaution is most applicable to the constant current source, particularly if it is a switch mode type. Keep the ICS1708
and the constant current source control circuits outside the power and return loop described above. These precautions will prevent high
fields and coupled noise from disturbing normal operation. Avoid jumping across power and return with signal lines.
Using the Voltage Slope Termination Method
In general the voltage slope termination method works best for products where the battery is fast charged with the product off, or the battery
is removed from the product for fast charge in a charger stand.
The voltage slope termination method used by the ICS1708 requires a nearly constant amplitude current flow into the battery during fast
charge. Charging the battery in products that draw a known and fairly constant current while the battery is charging should have this current
draw added to the fast charge current. Using the ICS1708 for charging the batteries in products that randomly or periodically requires
moderate current from the battery during fast charge needs evaluation. Products that randomly or periodically require high current from the
battery during fast charge may cause a voltage inflection that results in termination before full charge. A voltage inflection can occur due to
the charge current decreasing or fluctuating as the load changes rather than by the battery reaching full charge. The voltage slope method
will terminate charge based on voltage inflections that are characteristic of a fully charged battery. The ICS1702 and ICS1712 charge
controllers have temperature termination methods for products that randomly or periodically draw significant current from the battery during
fast charge.
Charging sources that produce decreasing current as fast charge progresses may also cause a voltage inflection that may result in termination
before full charge. For example, if the charge current is supplied through a resistor or if the charging source is a constant current type that
has insufficient input voltage, the current will decrease and may cause a termination before full charge. Other current source abnormalities
that may cause a voltage inflection that is characteristic of a fully charged battery are inadequate line frequency ripple attenuation capability
or charge current decreasing due to thermal drift or thermal limiting.
Charging sources that have any of the above characteristics need
evaluation to access their suitability for the application if the use of voltage slope termination is desired.
The controller
SoftStart stage, built-in noise filtering, and fast charge timer operate optimally when the constant amplitude current source
charges the battery at the rate selected. If the actual charge current is significantly less than the rate selected, the conditioning effect of the
SoftStart stage and the controller noise immunity are lessened. Also, the fast charge timer may cause termination based on time duration
rather than by the battery reaching full charge due to inadequate charge current.
Charging System Status by Indicator
The Indicator Description List in Table 2 contains some displays that are caused by charging system abnormalities. When the CMN
indicator flashes, there may be voltage present at the charger terminals with the current source off with no battery connected. Check the
current source and ensure that it produces no more than 350mV at VIN pin 7 when the current source is turned off with no battery connected.
If VIN pin 7 divider resistors are not properly selected, an open circuit voltage that should produce less than 350mV with the charger off
and no battery will not divide down the open circuit voltage properly and produce the CMN flash indication. Check the VIN divider and
ensure that it properly scales the battery voltage to the 1 cell level at VIN pin 7. If the CMN flash indication occurs with the battery
installed, there may be an open connection in the charger or the battery. Check wires, connections, battery terminals, and the battery itself
for an open circuit condition.
If the MMN indicator is active at the initiation of fast charge, check the external pull-down resistor or alternate divider off 5V that sets the
voltage on OPREF pin 6. If the voltage set on OPREF is greater than 2.3V but less than 4V, the start of fast charge will be inhibited until the
voltage on OPREF is lowered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com