Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3080 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3080
Description  XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3080 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3080 Datasheet HTML 13Page - International Rectifier IR3080 Datasheet HTML 14Page - International Rectifier IR3080 Datasheet HTML 15Page - International Rectifier IR3080 Datasheet HTML 16Page - International Rectifier IR3080 Datasheet HTML 17Page - International Rectifier IR3080 Datasheet HTML 18Page - International Rectifier IR3080 Datasheet HTML 19Page - International Rectifier IR3080 Datasheet HTML 20Page - International Rectifier IR3080 Datasheet HTML 21Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
IR3080
6
6
/
/
/
/
10
*
70
)
10
*
70
3
.
1
(
*
)
*
3
.
1
(
*
−
−
∗
−
=
−
=
DEL
SS
DEL
SS
CHG
CHG
DEL
SS
DEL
SS
SSDEL
R
C
I
I
R
C
t
(7)
VDAC Slew Rate Programming Capacitor CVDAC and Resistor RVDAC
The slew rate of VDAC down-slope SRDOWN can be programmed by the external capacitor CVDAC as defined in
Equation (8), where ISINK is the sink current of VDAC pin as shown in Figure 15. The resistor RVDAC is used to
compensate VDAC circuit and is determined by Equation (9). The slew rate of VDAC up-slope SRUP is proportional
to that of VDAC down-slope and is given by Equation (10), where ISOURCE is the source current of VDAC pin as
shown in Figure15.
DOWN
SINK
VDAC
SR
I
C
=
(8)
2
15
10
2
.
3
5
.
0
VDAC
VDAC
C
R
−
∗
+
=
(9)
VDAC
SOURCE
UP
C
I
SR
=
(10)
Over Current Setting Resistor ROCSET
The inductor DC resistance is utilized to sense the inductor current. The copper wire of inductor has a constant
temperature coefficient of 3850 ppm/°C, and therefore the maximum inductor DCR can be calculated from Equation
(11), where RL_MAX and RL_ROOM are the inductor DCR at maximum temperature TL_MAX and room temperature
T_ROOM respectively.
)]
(
10
*
3850
1
[
_
6
_
_
ROOM
MAX
L
ROOM
L
MAX
L
T
T
R
R
−
∗
+
∗
=
−
(11)
The current sense amplifier gain of IR3086 decreases with temperature at the rate of 1470 ppm/°C, which
compensates part of the inductor DCR increase. The phase IC die temperature is only a couple of degrees Celsius
higher than the PCB temperature due to the low thermal impedance of MLPQ package. The minimum current sense
amplifier gain at the maximum phase IC temperature TIC_MAX is calculated from Equation (12).
)]
(
10
*
1470
1
[
_
6
_
_
ROOM
MAX
IC
ROOM
CS
MIN
CS
T
T
G
G
−
∗
−
∗
=
−
(12)
The total input offset voltage (VCS_TOFST) of current sense amplifier in phase ICs is the sum of input offset
(VCS_OFST) of the amplifier itself and that created by the amplifier input bias currents flowing through the current
sense resistors RCS+ and RCS-.
−
−
+
+
∗
−
∗
+
=
CS
CSIN
CS
CSIN
OFST
CS
TOFST
CS
R
I
R
I
V
V
_
_
(13)
The over current limit is set by the external resistor ROCSET as defined in Equation (14), where ILIMIT is the required
over current limit. IOCSET, the bias current of OCSET pin, changes with switching frequency setting resistor ROSC
and is determined by the curve in Figure 14. KP is the ratio of inductor peak current over average current in each
phase and is calculated from Equation (15).
OCSET
MIN
CS
TOFST
CS
P
MAX
L
LIMIT
OCSET
I
G
V
K
R
n
I
R
/
]
)
1
(
[
_
_
_
+
+
∗
∗
=
(14)
n
I
f
V
L
V
V
V
K
O
SW
I
O
O
I
P
/
)
2
/(
)
(
∗
∗
∗
∗
−
=
(15)
Page 21 of 41
9/30/04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com