Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF451 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF451
Description  LF451 Wide-Bandwidth JFET-Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF451 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LF451 Datasheet HTML 1Page - National Semiconductor (TI) LF451 Datasheet HTML 2Page - National Semiconductor (TI) LF451 Datasheet HTML 3Page - National Semiconductor (TI) LF451 Datasheet HTML 4Page - National Semiconductor (TI) LF451 Datasheet HTML 5Page - National Semiconductor (TI) LF451 Datasheet HTML 6Page - National Semiconductor (TI) LF451 Datasheet HTML 7Page - National Semiconductor (TI) LF451 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Note 7
Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level)
Note 8
Design limits are guaranteed to National’s AOQL but not 100% tested
Note 9
The input bias currents are junction leakage currents which approximately double for every 10 C increase in the junction temperature TJ Due to limited
production test time the input bias currents are correlated to junction temperature In normal operation the junction temperature rises above the ambient
temperature as a result of internal power dissipation PD TJ e TA a iJAPD where iJA is the thermal resistance from junction to ambient
Note 10
VOS IB AVOL and IOS are measured at VCM e 0V
Note 11
Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with common practice
Typical Performance Characteristics
Distortion vs Frequency
Voltage Swing
Undistorted Output
Response
Open Loop Frequency
Rejection Ratio
Common-Mode
Rejection Ratio
Power Supply
Noise Voltage
Equivalent Input
Gain (VV)
Open Loop Voltage
Output Impedance
Inverter Settling Time
TLH9660 – 5
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com