Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF451 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF451
Description  LF451 Wide-Bandwidth JFET-Input Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF451 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LF451 Datasheet HTML 1Page - National Semiconductor (TI) LF451 Datasheet HTML 2Page - National Semiconductor (TI) LF451 Datasheet HTML 3Page - National Semiconductor (TI) LF451 Datasheet HTML 4Page - National Semiconductor (TI) LF451 Datasheet HTML 5Page - National Semiconductor (TI) LF451 Datasheet HTML 6Page - National Semiconductor (TI) LF451 Datasheet HTML 7Page - National Semiconductor (TI) LF451 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH9660
December 1995
LF451 Wide-Bandwidth
JFET-Input Operational Amplifier
General Description
The LF451 is a low-cost high-speed JFET-input operational
amplifier with an internally trimmed input offset voltage (BI-
FET IITM technology) The device requires a low supply cur-
rent and yet maintains a large gain bandwidth product and a
fast slew rate In addition well matched high voltage JFET
input devices provide very low input bias and offset cur-
rents The LF451 is pin compatible with the standard
LM741 allowing designers to upgrade the overall perform-
ance of existing designs
The LF451 may be used in such applications as high-speed
integrators fast DA converters sample-and-hold circuits
and many other circuits requiring low input bias current high
input impedance high slew rate and wide bandwidth
Features
Y
Internally trimmed offset voltage
50 mV (max)
Y
Low input bias current
50 pA (typ)
Y
Low input noise current
001 pA
0Hz (typ)
Y
Wide gain bandwidth
4 MHz (typ)
Y
High slew rate
13 V ms (typ)
Y
Low supply current
34 mA (max)
Y
High input impedance
1012X (typ)
Y
Low total harmonic distortion AV e 10
k
002% (typ)
RL e 10k VO e 20 Vp–p f e 20 Hz–20 kHz
Y
Low 1f noise corner
50 Hz (typ)
Y
Fast settling time to 001%
2 ms (typ)
Connection Diagram
SO Package
TLH9660 – 2
Top View
Order Number LF451CM
See NS Package Number M08A
Typical Connection
TLH9660 – 1
Simplified Schematic
TLH9660 – 3
BI-FETTM is a trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M125Printed in U S A


Similar Part No. - LF451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF453 NSC-LF453 Datasheet
219Kb / 8P
LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
LF453CM NSC-LF453CM Datasheet
219Kb / 8P
LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
logo
STMicroelectronics
LF45AB STMICROELECTRONICS-LF45AB Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
LF45AB STMICROELECTRONICS-LF45AB Datasheet
260Kb / 32P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Jul-1999
LF45ABDT STMICROELECTRONICS-LF45ABDT Datasheet
649Kb / 34P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
Aug-2003
More results

Similar Description - LF451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF351 TI1-LF351 Datasheet
449Kb / 14P
LF351 Wide Bandwidth JFET Input Operational Amplifier
TL081-N TI1-TL081-N Datasheet
484Kb / 10P
TL081 Wide Bandwidth JFET Input Operational Amplifier
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com