Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2657 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2657
Description  Dual Synchronous Buck Regulator Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2657 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2657 Datasheet HTML 9Page - National Semiconductor (TI) LM2657 Datasheet HTML 10Page - National Semiconductor (TI) LM2657 Datasheet HTML 11Page - National Semiconductor (TI) LM2657 Datasheet HTML 12Page - National Semiconductor (TI) LM2657 Datasheet HTML 13Page - National Semiconductor (TI) LM2657 Datasheet HTML 14Page - National Semiconductor (TI) LM2657 Datasheet HTML 15Page - National Semiconductor (TI) LM2657 Datasheet HTML 16Page - National Semiconductor (TI) LM2657 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Operation Descriptions (Continued)
on both the SS pins falls below 100mV (V
SS_RESET, see
Electrical Characteristics table). Then a charging current
source I
SS_CHG of 11µA is applied at this pin to bring up the
voltage of the Soft-start capacitor gradually. This causes the
(maximum allowable) duty cycle to increase slowly, thereby
limiting the charging current into the output capacitor and
also ensuring that the inductor does not saturate. The Soft-
start capacitor will eventually charge up close to the 5V input
rail. When EN is pulled low the Soft-start capacitor is dis-
charged by the same 1.8 k
Ω internal resistor and the con-
troller is shutdown. Now the sequence is allowed to repeat
the next time EN is taken high.
One must be careful in selecting a soft start capacitor. Se-
lecting a value that is too small will cause the switcher to go
into current limit during startup. The minimum startup time
may be estimated by the capacitor charging equation:
SHUTDOWN
When the EN pin is driven low, the LM2657 initiates shut-
down by turning OFF both upper and lower FETs completely
(this occurs irrespective of FPWM or SKIP modes). See
Figure 6 for a typical shutdown plot and note that the LDRV
goes to zero (and stays there). Though not displayed, Power
Good also goes low within less than 100ns of the EN pin
going low (
∆t
SD, see Electrical Characteristics table). There-
fore in this case, the controller is NOT waiting for the output
to actually fall out of the Power Good window before it
signals Power Not Good.
When the part is shutdown with a constant current load, the
time taken for the output to decay may be calculated using
the equation
∆V/∆t = i/C. For example, there is a constant
current 2A load applied at the output and the charge stored
on the output capacitor continues to discharge into the load.
From
∆V/∆t = i/C = 2A/330µF, it can be seen that the output
voltage (say 1V) will fall to zero in about 165µs.
POWER GOOD/NOT GOOD SIGNALING
PGOOD is an open-drain output pin with an external pull-up
resistor connected to 5V. It goes high (non-conducting) when
both the outputs are within the regulation band as deter-
mined by the Power Good window detector stage on the
feedback pin (see Block Diagram). PGOOD goes low (con-
ducting) when either of the two outputs falls out of this
window. This signal is referred to as Power Not Good. A
glitch filter of 7µs filters out noise, and helps prevent spuri-
ous PGOOD responses. So Power Not Good is not asserted
until 7µs after either of the two outputs have fallen out of the
Power Good window (see
∆t
PG_NOK in Electrical Character-
istics table). During power-up/Enable/recovery from a fault,
the feedback pin voltage rises towards the regulation value.
With the feedback pin rising, there is a 20µs delay between
both the outputs being in regulation and the signaling of
Power Good (see
∆t
PG_OK
in Electrical Characteristics
table).
Power Not Good is signaled within 100ns of the Enable pin
being pulled low (see
∆t
SD
in Electrical Characteristics
table), irrespective of the fact that the outputs could still be in
regulation. The Soft-start capacitor is also then discharged
as explained earlier.
VIN POWER-OFF (UVLO)
The LM2657 has an internal comparator that monitors Vin. If
Vin falls to approximately 4.2V, switching ceases and both
top and bottom FETs are turned OFF. ‘Power Not Good’ has
meanwhile already been signaled and a fault condition as-
serted shortly thereafter.
VDD POWER-OFF (UVLO)
If VDD falls below approximately 4V, switching ceases and
both top and bottom FETs are turned OFF. If VDD falls below
about 1.8V, the part is disabled identically to EN being pulled
low and the soft-start sequence is reset.
20134714
CH1: LDRV, CH2: Vo, CH3: SW, CH4: IL (1A/div)
Output 1V @ 2A, VIN = 10V, FPWM/SKIP, L = 10µH, f = 300kHz, COUT =
330µF
FIGURE 6. Shutdown
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com