Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2657 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2657
Description  Dual Synchronous Buck Regulator Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2657 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2657 Datasheet HTML 1Page - National Semiconductor (TI) LM2657 Datasheet HTML 2Page - National Semiconductor (TI) LM2657 Datasheet HTML 3Page - National Semiconductor (TI) LM2657 Datasheet HTML 4Page - National Semiconductor (TI) LM2657 Datasheet HTML 5Page - National Semiconductor (TI) LM2657 Datasheet HTML 6Page - National Semiconductor (TI) LM2657 Datasheet HTML 7Page - National Semiconductor (TI) LM2657 Datasheet HTML 8Page - National Semiconductor (TI) LM2657 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Typical Application (Channel 2 in parenthesis) (Continued)
Connection Diagram
20134702
Top View
Ordering Information
Order Number
Package Drawing
Supplied As
LM2657MTC
MTC28
48 Units/Rail
LM2657MTCX
MTC28
2500 Units/13" Reel
Pin Description
Pin 1, SENSE1: Output voltage sense pin for Channel 1. It is
tied directly to the output rail. The SENSE pin voltage is used
by the IC, together with the VIN voltage (Pin 22) to calculate
the CCM (continuous conduction mode) duty cycle. This is
used by the IC to set the minimum duty cycle in the SKIP
mode to 85% of the CCM value. It is also used to set the
adaptive duty cycle clamp (see Pin 3).
Pin 2, FB1: Feedback pin for Channel 1. This is the inverting
input of the channel’s error amplifier. The voltage on this pin
under regulation is nominally at 0.6V. A ‘Power Good win-
dow’ on this pin determines if the output voltage is within
regulation limits (±13%). If the voltage (on either channel)
falls outside this window for more than 7µs, ‘Power Not
Good’ is signaled on the PGOOD pin (Pin 9). Additionally, if
the FB voltage is above the upper limit, an over-voltage fault
condition occurs which turns on the low-side FET. The part
will resume normal operation on the next high side cycle in
which no fault is detected. When single channel operation is
desired (one channel is used, the other is disabled), the
feedback pins of both channels must be connected together,
near the IC. All other pins specific to the unused channel
should be left floating (not connected to each other, either).
Pin 3, COMP1: Compensation pin for Channel 1. This is the
output of the error amplifier. The voltage level on this pin is
compared with an internally generated ramp signal to set the
duty cycle for normal regulation. Since the Feedback pin is
the inverting input of the same error amplifier, the appropri-
ate control loop compensation components are placed be-
tween this pin and the Feedback pin. The COMP pin is
internally pulled low during Soft-start to limit the duty cycle.
Once Soft-start is completed, the voltage on this pin can take
up the value required to maintain output regulation. Note that
an internal voltage clamp does not allow the pin to go much
higher than the steady-state requirement. This forms the
‘adaptive duty cycle clamp’ circuit, which serves to limit the
maximum allowable duty cycle and peak currents under
sudden overloads. Also note that this clamp has been de-
signed with enough ‘headroom’ to permit an adequate re-
sponse to step loads within normal operating range.
Pin 4, SS1: Channel 1 Soft-start pin. A Soft-start capacitor is
placed between this pin and ground. A typical capacitance of
0.1µF is recommended. During startup using chip Enable/
power-up, soft-start is reset by connecting an internal 1.8 k
Ω
resistor between this pin and ground (R
SS_DCHG, see Elec-
trical Characteristics table). It discharges any remaining
charge on the Soft-start capacitors to ensure that the voltage
on both Soft-start pins is below 100mV. Reset having thus
been obtained, an 11µA current source at this pin charges up
the Soft-start capacitor. The voltage on this pin controls the
maximum duty cycle, and this produces a gradual ramp-up
of the output voltage, thereby preventing large inrush cur-
rents into the output capacitors. The voltage on this pin
finally clamps close to 5V. During current limit, V
DD UVLO, or
V
IN UVLO this pin is connected to an internal 115µA current
sink whenever a current limit event is in progress. This sink
current quickly discharges the Soft-start capacitor and forces
the duty cycle low to protect the power components.
Pin 5, VDD: 5V supply rail for the control and logic sections
of both channels. For normal operation to start, the voltage
on this pin must be brought above 4.5V. Subsequently, the
voltage on this pin (including any ripple component) should
not be allowed to fall below 4V for a duration longer than 7µs.
Since this pin is also the supply rail for the internal control
sections, it should be well-decoupled particularly at high
frequencies. A minimum 0.1µF-0.47µF (ceramic) capacitor
should be placed on the component side very close to the IC
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com