Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3733 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3733
Description  3-Phase, Buck Controllers for AMD CPUs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3733 Datasheet HTML 9Page - Linear Technology LTC3733 Datasheet HTML 10Page - Linear Technology LTC3733 Datasheet HTML 11Page - Linear Technology LTC3733 Datasheet HTML 12Page - Linear Technology LTC3733 Datasheet HTML 13Page - Linear Technology LTC3733 Datasheet HTML 14Page - Linear Technology LTC3733 Datasheet HTML 15Page - Linear Technology LTC3733 Datasheet HTML 16Page - Linear Technology LTC3733 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
LTC3733/LTC3733-1
3733f
APPLICATIO S I FOR ATIO
The basic application circuit is shown in Figure 1 on the
first page of this data sheet. External component selection
is driven by the load requirement, and normally begins
with the selection of an inductance value based upon the
desired operating frequency, inductor current and output
voltage ripple requirements. Once the inductors and
operating frequency have been chosen, the current sens-
ing resistors can be calculated. Next, the power MOSFETs
and Schottky diodes are selected. Finally, CIN and COUT
are selected according to the required voltage ripple
requirements. The circuit shown in Figure 1 can be
configured for operation up to a MOSFET supply voltage
of 28V (limited by the external MOSFETs).
Operating Frequency
The IC uses a constant frequency architecture with the
frequency determined by an internal capacitor. This ca-
pacitor is charged by a fixed current plus an additional
current which is proportional to the voltage applied to the
PLLFLTR pin. Refer to the Phase-Locked Loop and Fre-
quency Synchronization and Setup sections for additional
information.
A graph for the voltage applied to the PLLFLTR pin versus
frequency is given in Figure 3. As the operating frequency
is increased the gate charge losses will be higher, reducing
efficiency (see Efficiency Considerations). The maximum
switching frequency is approximately 530kHz.
Inductor Value Calculation and Output Ripple Current
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So why would
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because of
MOSFET gate charge and transition losses. In addition to
this basic tradeoff, the effect of inductor value on ripple
current and low current operation must also be consid-
ered. The PolyPhase approach reduces both input and
output ripple currents while optimizing individual output
stages to run at a lower fundamental frequency, enhancing
efficiency.
The inductor value has a direct effect on ripple current. The
inductor ripple current
∆IL per individual section, N,
decreases with higher inductance or frequency and in-
creases with higher VIN or VOUT:
∆I
V
fL
V
V
L
OUT
OUT
IN
=−


1
where f is the individual output stage operating frequency.
In a PolyPhase converter, the net ripple current seen by the
output capacitor is much smaller than the individual
inductor ripple currents due to the ripple cancellation. The
details on how to calculate the net output ripple current
can be found in Application Note 77.
Figure 4 shows the net ripple current seen by the output
capacitors for the different phase configurations. The
output ripple current is plotted for a fixed output voltage as
the duty factor is varied between 10% and 90% on the
x-axis. The output ripple current is normalized against the
inductor ripple current at zero duty factor. The graph can
be used in place of tedious calculations. As shown in
Figure 4, the zero output ripple current is obtained when:
V
V
k
N
where k
N
OUT
IN
== 12
1
, , ..., –
Figure 3. Operating Frequency vs VPLLFLTR
PLLFLTR PIN VOLTAGE (V)
550
450
350
250
150
0
0.5
1.0
1.5
2.0
2.5
3733 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com