Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3733 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3733
Description  3-Phase, Buck Controllers for AMD CPUs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3733 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3733 Datasheet HTML 17Page - Linear Technology LTC3733 Datasheet HTML 18Page - Linear Technology LTC3733 Datasheet HTML 19Page - Linear Technology LTC3733 Datasheet HTML 20Page - Linear Technology LTC3733 Datasheet HTML 21Page - Linear Technology LTC3733 Datasheet HTML 22Page - Linear Technology LTC3733 Datasheet HTML 23Page - Linear Technology LTC3733 Datasheet HTML 24Page - Linear Technology LTC3733 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LTC3733/LTC3733-1
3733f
The emitter of Q1 will hold up the EAIN pin to a voltage in
the absence of VOUT that will prevent the internal sensing
circuitry from reducing the peak output current. Remov-
ing the function in this manner eliminates the external
MOSFET’s protective feature under short-circuit condi-
tions. This technique will also prevent the short-circuit
latchoff function from turning off the part during a short-
circuit event and the output current will only be limited to
N • 75mV/RSENSE.
Undervoltage Reset
In the event that the input power source to the IC (VCC)
drops below 4V, the SS capacitor will be discharged to
ground and the controller will be shut down. When VCC
rises above 4V, the SS capacitor will be allowed to re-
charge and initiate another soft-start turn-on attempt. This
may be useful in applications that switch between two
supplies that are not diode connected, but note that this
cannot make up for the resultant interruption of the
regulated output.
Phase-Locked Loop and
Frequency Synchronization (LTC3733-1)
The IC has a phase-locked loop comprised of an internal
voltage controlled oscillator and phase detector. This
allows the top MOSFET of output stage 1’s turn-on to be
locked to the rising edge of an external source. The
frequency range of the voltage controlled oscillator is
±50% around the center frequency fO. A voltage applied to
the PLLFLTR pin of 1.2V corresponds to a frequency of
approximately 350kHz. The nominal operating frequency
range of the IC is 210kHz to 530kHz.
The phase detector used is an edge sensitive digital type
that provides zero degrees phase shift between the
external and internal oscillators. This type of phase
detector will not lock the internal oscillator to harmonics
of the input frequency. The PLL hold-in range,
∆fH, is
equal to the capture range,
∆fC:
∆fH = ∆fC = ±0.5 fO
The output of the phase detector is a complementary pair
of current sources charging or discharging the external
filter components on the PLLFLTR pin. A simplified block
diagram is shown in Figure 9.
If the external frequency (fPLLIN) is greater than the oscil-
lator frequency, fOSC, current is sourced continuously,
pulling up the PLLFLTR pin. When the external frequency
is less than fOSC, current is sunk continuously, pulling
down the PLLFLTR pin. If the external and internal fre-
quencies are the same, but exhibit a phase difference, the
current sources turn on for an amount of time correspond-
ing to the phase difference. Thus, the voltage on the
PLLFLTR pin is adjusted until the phase and frequency of
the external and internal oscillators are identical. At this
stable operating point, the phase comparator output is
open and the filter capacitor CLP holds the voltage. The IC
PLLIN pin must be driven from a low impedance source
such as a logic gate located close to the pin. When using
multiple ICs for a phase-locked system, the PLLFLTR pin
of the master oscillator should be biased at a voltage that
will guarantee the slave oscillator(s) ability to lock onto the
master’s frequency. A voltage of 1.7V or below applied to
the master oscillator’s PLLFLTR pin is recommended in
order to meet this requirement. The resultant operating
frequency will be approximately 500kHz for 1.7V.
APPLICATIO S I FOR ATIO
EXTERNAL
OSC
2.4V
RLP
10k
CLP
OSC
DIGITAL
PHASE/
FREQUENCY
DETECTOR
PHASE
DETECTOR/
OSCILLATOR
PLLIN
(LTC3733-1
ONLY)
3733 F09
PLLFLTR
50k
Figure 9. Phase-Locked Loop Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com