Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC573 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC573
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC573 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC573 Datasheet HTML 1Page - STMicroelectronics M74HC573 Datasheet HTML 2Page - STMicroelectronics M74HC573 Datasheet HTML 3Page - STMicroelectronics M74HC573 Datasheet HTML 4Page - STMicroelectronics M74HC573 Datasheet HTML 5Page - STMicroelectronics M74HC573 Datasheet HTML 6Page - STMicroelectronics M74HC573 Datasheet HTML 7Page - STMicroelectronics M74HC573 Datasheet HTML 8Page - STMicroelectronics M74HC573 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2001
s
HIGH SPEED:
tPD = 13ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 573
DESCRIPTION
The M74HC573 is an high speed CMOS OCTAL
LATCH WITH 3-STATE OUTPUTS fabricated
with silicon gate C2MOS technology.
This 8-BIT D-Type latches is controlled by a latch
enable input (LE) and output enable input (OE).
While the LE input is held at a high level, the Q
outputs will follow the data input precisely. When
LE is taken low, the Q outputs will be latched
precisely at the logic level of D input data.
While the OE input is at low level, the eight outputs
will be in a normal logic state (high or low logic
level) and while is at high level the outputs will be
in a high impedance state.
The 3-State output configuration and the wide
choice of outline make bus organized system
simple.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC573
OCTAL D-TYPE LATCH
WITH 3 STATE OUTPUT NON INVERTING
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC573B1R
SOP
M74HC573M1R
M74HC573RM13TR
TSSOP
M74HC573TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC573

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC573 STMICROELECTRONICS-M74HC573 Datasheet
273Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
Oct-1993
M74HC573B1R STMICROELECTRONICS-M74HC573B1R Datasheet
273Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
Oct-1993
M74HC573C1R STMICROELECTRONICS-M74HC573C1R Datasheet
273Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
Oct-1993
M74HC573F1R STMICROELECTRONICS-M74HC573F1R Datasheet
273Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
Oct-1993
M74HC573M1R STMICROELECTRONICS-M74HC573M1R Datasheet
273Kb / 13P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT HC563 INVERTING - HC573 NON INVERTING
Oct-1993
More results

Similar Description - M74HC573

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC373 STMICROELECTRONICS-74AC373 Datasheet
241Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC573 STMICROELECTRONICS-74AC573 Datasheet
248Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT373 STMICROELECTRONICS-74ACT373 Datasheet
90Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
79Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74VHC373 STMICROELECTRONICS-74VHC373 Datasheet
75Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
12-Nov-2004
74VHCT373A STMICROELECTRONICS-74VHCT373A Datasheet
73Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Nov-1999
74VHCT573A STMICROELECTRONICS-74VHCT573A Datasheet
74Kb / 10P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
M74HCT573 STMICROELECTRONICS-M74HCT573 Datasheet
228Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HCT373 STMICROELECTRONICS-M74HCT373 Datasheet
230Kb / 11P
OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
Aug-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com