Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF Datasheet(PDF) 1 Page - Alpha Wire

Part # HCF
Description  M8 Male Front Mount M8 Receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

HCF Datasheet(HTML) 1 Page - Alpha Wire

  HCF Datasheet HTML 1Page - Alpha Wire HCF Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: HCF Series
M8 Male Front Mount M8 Receptacle
Drawing
Technical Data
Mechanical
Receptacle Style
M12, Male
Applicable Specification
IEC 61076-2-101
Receptacle Threads
External
Housing
Nickel Plated Brass, Leads Epoxy Potted
Insert
Nylon
Contact
Copper Alloy, Gold Plated
Mounting Orientation
Front
Panel Nut
Nickel Plated Brass
O-Ring
FKM
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
4 A
Rated Voltage
4 Pole 250 V (IEC) 300V (UL)
5 Pole 60 V (IEC) 30V (UL)
UL File
E485156
Lead Wires
AWG
22 AWG (7/30) Tinned Copper


Similar Part No. - HCF

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
HCF SCHURTER-HCF Datasheet
314Kb / 3P
Solid State, Thin Film, SMD 3220 Fuse for High Current Application
logo
TE Connectivity Ltd
HCF TEC-HCF Datasheet
204Kb / 5P
Aluminium Housed Braking Resistor
logo
Schurter Inc.
HCF SCHURTER-HCF Datasheet
366Kb / 4P
Solid State, Thin Film, SMD 3220 Fuse for High Current Application
04.01.2022
logo
Hanwha Vision Co., Ltd....
HCF-8011RV HANWHAVISION-HCF-8011RV Datasheet
920Kb / 3P
5MP IR Wisenet HD Outdoor Fisheye Camera
logo
Eaton All Rights Reserv...
HCF1007 EATON-HCF1007 Datasheet
2Mb / 4P
High frequency, high current power inductors
More results

Similar Description - HCF

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200905069 MOLEX11-1200905069 Datasheet
108Kb / 2P
Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male 0.30m
logo
Alpha Wire
GCF ALPHAWIRE-GCF Datasheet
161Kb / 2P
M8 Female Front Mount M8 Receptacle
GR03HR100 ALPHAWIRE-GR03HR100 Datasheet
140Kb / 2P
M8 Female to M8 Male
GR04HR101 ALPHAWIRE-GR04HR101 Datasheet
143Kb / 2P
M8 Female to M8 Male
HR04GW101 ALPHAWIRE-HR04GW101 Datasheet
154Kb / 2P
M8 Male to M8 90 Degree Female
HR0300100 ALPHAWIRE-HR0300100 Datasheet
149Kb / 2P
M8 Male
HR0400101 ALPHAWIRE-HR0400101 Datasheet
149Kb / 2P
M8 Male
logo
NorComp
855-004-103RF04 NORCOMP-855-004-103RF04 Datasheet
63Kb / 1P
M8 SERIES-MALE-FRONT OF PANEL MOUNT-4POSITION
Rev.00 03/01/2022
855-005-103R00Y NORCOMP-855-005-103R00Y Datasheet
70Kb / 1P
M8 SERIES-MALE-PANEL MOUNT(FRONT)-SOLDER CUP-5POSITION
Rev.03 03-04-16
855-006-103R00Y NORCOMP-855-006-103R00Y Datasheet
71Kb / 1P
M8 SERIES-MALE-PANEL MOUNT(FRONT)-SOLDER CUP-6POSITION
Rev.03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com