Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D22012LP Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # D22012LP
Description  General Specifications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

D22012LP Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  D22012LP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Series D2
PCB Mount Miniature Toggles
A26
A
www.nkkswitches.com
Actuators
No
Code
.413” (10.5mm)
Bat Lever
L
.200” (5.1mm) Diameter
Locking Lever
TYPICAL SWITCH ORDERING EXAMPLE
1
SPDT
ON-NONE-ON Circuit
Circuits
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8
(ON)
OFF
(ON)
9
ON
OFF
(ON)
( ) = Momentary
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
D22012P
.413” (10.5mm)
Bat Lever
PC Terminals
P
Straight
*B
Straight with Bracket
*H
Right Angle with Bracket
*V
Vertical with Bracket
*Bracketed models combine
with smooth bushings
Poles
1
SPDT
2
DPDT
*4
4PDT
* Combines with
ON-NONE-ON circuit
only & not available
with Right Angle
Straight PC Terminals
P
D220



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com