Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D22012LP Datasheet(PDF) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # D22012LP
Description  General Specifications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

D22012LP Datasheet(HTML) 9 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button D22012LP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. D22012LP Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Series D2
PCB Mount Miniature Toggles
A32
A
www.nkkswitches.com
STANDARD HARDWARE
AT513M
Hex Nut
Brass with nickel plating
2 supplied
AT507M
Locking Ring
Steel with zinc/chromate
1 supplied
AT509
Lockwasher
Steel with zinc/chromate
1 supplied
AT501M
Knurled Face Nut
Brass with chrome plating
(9.0)
.354
(1.5)
.059
(1.7)
.067
(0.8)
.031
(6.4) Dia
.252
(10.2) Dia
.402
(0.5)
.020
PANEL CUTOUTS & MAXIMUM PANEL THICKNESS
(6.5) Dia
.256
(5.6)
.220
(0.6)
.024
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087
With Standard
Hardware
.087” (2.2mm) for
Standard Lever
.051” (1.3mm) for
Locking Lever
Without
Locking Ring
.118” (3.0mm) for
Standard Lever
.083” (2.1mm) for
Locking Lever
Without Locking Ring
& Bottom Hex Nut
.185” (4.7mm) for
Standard Lever
.142” (3.6mm) for
Locking Lever
OPTIONAL
Without
Bottom Hex Nut
.154” (3.9mm) for
Standard Lever
.110” (2.8mm) for
Locking Lever
M6 P0.75
(10.0) Dia
.394
(1.7)
.067
D22042V
Vertical PC • Four Pole
D22042LV
Actuator in Down Position
Keyway
(5.08)
.200
(0.7) Typ
.028
(0.3)
.012
(3.5)
.138
(0.8) Dia Typ
.031
(2.54) Typ
.100
(15.24)
.600
(0.9)
.035
(0.4)
.016
(0.5)
.020
(1.0)
.039
(3.5)
.138
(7.7)
.303
(2.8) Dia
.110
24°
(10.5)
.413
(6.2) Dia
.244
(22.6)
.890
(14.4)
.567
(0.3)
.012
(0.3)
.012
3
2
1
5
4
(5.08) Typ
.200
9
8
7
11
10
6
12
(2.54)Typ
.100
Keyway
(5.08)
.200
(0.7) Typ
.028
(0.3)
.012
(3.5)
.138
(0.8) Dia Typ
.031
(2.54) Typ
.100
(15.24)
.600
(0.9)
.035
(0.4)
.016
(0.5)
.020
(1.0)
.039
(3.5)
.138
(5.1) Dia
.201
24°
(17.9)
.705
(6.6)
.260
(19.4)
.764
(6.2) Dia
.244
(1.0) Dia Typ
.039
4
(15.24)
.600
(2.54) Typ
.100
5
(2.54) Typ
.100
6
7
8
9
1
2
3
10
11
12
(5.08) Typ
.200
(8.0)
.315
M6 P0.75
(2.0)
.079
(5.5)
.217
(6.0) Dia
.236
(12.0) Dia
.472
TYPICAL SWITCH DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com