Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLP Datasheet(PDF) 1 Page - Integrated Device Technology

Part # XLP
Description  IDT XO LVPECL Crystal Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLP Datasheet(HTML) 1 Page - Integrated Device Technology

  XLP_17 Datasheet HTML 1Page - Integrated Device Technology XLP_17 Datasheet HTML 2Page - Integrated Device Technology XLP_17 Datasheet HTML 3Page - Integrated Device Technology XLP_17 Datasheet HTML 4Page - Integrated Device Technology XLP_17 Datasheet HTML 5Page - Integrated Device Technology XLP_17 Datasheet HTML 6Page - Integrated Device Technology XLP_17 Datasheet HTML 7Page - Integrated Device Technology XLP_17 Datasheet HTML 8Page - Integrated Device Technology XLP_17 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATASHEET
XLP JUNE 20, 2017
1
©2017 Integrated Device Technology, Inc.
IDT XO LVPECL Crystal Oscillator
XLP
Description
The XLP is an LVPECL crystal oscillator with 860fs typical
phase jitter over 12kHz to 20MHz bandwidth. Available in a
wide frequency range from 0.750MHz to 1350MHz, the IDT
XLP series crystal oscillator utilizes a family of proprietary
ASICs, with a key focus on noise reduction technologies.
The 3rd order Delta Sigma Modulator reduces noise to the
levels that are comparable to traditional bulk Quartz and SAW
oscillators. With short lead-time, low cost, low noise, wide
frequency range, excellent ambient performance, the XLP is
an excellent choice over the conventional technologies. The
XLP has stabilities as tight as ±20ppm with extremely quick
delivery for both standard and custom frequencies
Features
• Frequency range: 0.750 to 1350MHz
• Output type: LVPECL
• Frequency stability: ±20ppm, ±25ppm, ±50ppm, or
±100ppm
• Supply voltage: 2.5V or 3.3V
• Phase jitter (1.875MHz to 20MHz): 225fs typical
• Phase jitter (12kHz to 20MHz): 860fs typical
• Package options: 5.0mm x 3.2mm x 1.2mm (JS6)
7.0mm x 5.0mm x 1.3mm (JU6)
• Operating temperatures: -20°C to +70°C or -40°C to +85°C
Pin Assignment
Pin Descriptions
1. Pulled high internally.
Pin Number
Pin Name
Description
1
E/D
Enable/Disable1 (0=Output Disabled)
2
NC
No connect
3
GND
Connect to ground
4
OUT
Output
5
OUT2
Complementary Output
6
VDD
Supply voltage
12
3
4
5
6
6-pin CLCC


Similar Part No. - XLP_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XLP310 IDT-XLP310 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XLP315 IDT-XLP315 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XLP316 IDT-XLP316 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XLP318 IDT-XLP318 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XLP31V IDT-XLP31V Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XLP_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUQ IDT-XUQ_17 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUP IDT-XUP_17 Datasheet
288Kb / 12P
IDT XO LVPECL Crystal Oscillator
XUO IDT-XUO_17 Datasheet
289Kb / 12P
IDT XO HCSL Crystal Oscillator
XUN IDT-XUN_17 Datasheet
289Kb / 12P
IDT XO HCSL Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
IDT XO LVDS Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
IDT XO LVDS Crystal Oscillator
XUH IDT-XUH_17 Datasheet
303Kb / 12P
IDT XO HCMOS Crystal Oscillator
XLL IDT-XLL_17 Datasheet
429Kb / 13P
IDT XO LVDS Crystal Oscillator
XLH IDT-XLH_17 Datasheet
341Kb / 13P
IDT XO HCMOS Crystal Oscillator
logo
AiT Semiconductor Inc.
KOP3225 AITSEMI-KOP3225 Datasheet
252Kb / 1P
LVPECL CRYSTAL OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com