Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLP Datasheet(PDF) 11 Page - Integrated Device Technology

Part # XLP
Description  IDT XO LVPECL Crystal Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XLP Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button XLP_17 Datasheet HTML 3Page - Integrated Device Technology XLP_17 Datasheet HTML 4Page - Integrated Device Technology XLP_17 Datasheet HTML 5Page - Integrated Device Technology XLP_17 Datasheet HTML 6Page - Integrated Device Technology XLP_17 Datasheet HTML 7Page - Integrated Device Technology XLP_17 Datasheet HTML 8Page - Integrated Device Technology XLP_17 Datasheet HTML 9Page - Integrated Device Technology XLP_17 Datasheet HTML 10Page - Integrated Device Technology XLP_17 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
DISCLAIMER Integrated Device Technology, Inc. (IDT) and its affiliated companies (herein referred to as “IDT”) reserve the right to modify the products and/or specifications described herein at any time, without
notice, at IDT’s sole discretion. Performance specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed
in customer products. The information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any
particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intel-
lectual property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be reasonably
expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the property of
IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. Integrated Device Technology, Inc.. All rights reserved.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138 USA
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
XLP JUNE 20, 2017
11
©2017 Integrated Device Technology, Inc.
Revision History
Date
Originator
Description of Change
10/17/14
B. Chandhoke
Initial release.
12/10/14
B. Chandhoke
1. Added 7 x 5 x 1.3mm JU6 package option and package dimension/landing pattern drawings.
2. Updated ordering information table/graphic to show JU6 package option.
10/28/16
P. Jenkins
Update ordering information decoder tables by separating them into Scheme 1 and Scheme 2; add note to
distinguish the two tables.
06/13/17
L.S.
Removed “Ordering Information Scheme #1 (for reference only)”. Replaced with a single ordering information
table.
06/20/17
L.S.
Corrected frequency errors in Ordering Information table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com