Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHYWK63243-A Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHYWK63243-A
Description  ROUND TYPE LED LAMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHYWK63243-A Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHYWK63243-A Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Min.
Max.
Luminous Intensity(mcd) at 20 mA
Group
160
300
220
350
300
220
350
450
550
450
A14
A16
A15
A17
A18
A13
160
120
Wave length(nm) at 20 mA
Color
Code
HY CHIP
Group
585
587
587
589
592
595
598
595
592
589
15
16
18
19
17
Max.
Min.
Page
3/10
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
HY CHIP
Brightness Code For Standard LED Lamps
PART NO. LHYWK63243/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com