Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHYWK63243-A Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LHYWK63243-A
Description  ROUND TYPE LED LAMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHYWK63243-A Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LHYWK63243-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 10Page - LIGITEK electronics co., ltd. LHYWK63243-A Datasheet HTML 11Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
H
W
ITE
M
NO
.
Q'
TY
:
PC
S
N,
W
,:
kg
s
G,
W
,:
kg
s
C/NO:
MADE IN CHINA
3. 12 INNER BOXES / CARTON
SIZE : L X W X H 58.5cm X 34cm X 34cm
L
W
H
L
2. 8 BAG / INNER BOX
SIZE : L X W X H 33.5cm X 19cm X 7.5cm
1.500 PCS / BAG
PACKING SPECIFICATION
Page 10/10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com