Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRFSWK31693-R21-A Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LHRFSWK31693-R21-A
Description  DUAL COLOR LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFSWK31693-R21-A Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LHRFSWK31693-R21-A Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
PART NO. LHRFSWK31693/R21/A
Page 1/9
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
1. CATHODE WHITE
2. COMMON ANODE
3. CATHODE RED
2.0MIN
2.54TYP
18.0MIN
2.54TYP
2.0MIN
2.35
6.05
1.5
MAX
HRF(S)
3
1
2
□0.5
TYP
1
2
3
3.9
WK
3.7
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com