Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRFSWK31693-R21-A Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHRFSWK31693-R21-A
Description  DUAL COLOR LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFSWK31693-R21-A Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHRFSWK31693-R21-A Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFSWK31693-R21-A Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
* Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
Electrostatic Discharge( * )
ESD
500
V
0.28
0.28
UNIT
Ratings
mW
mA
100
80≤PD≤120
μA
℃
50
-20~ +80
mA
30
Page 2/9
℃
25
Max.
3.5
4.0
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
-30~ +100
Symbol
Parameter
IFP
PD
Ir
Topr
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Reverse Current @5V
Operating Temperature
Forward Current
IF
COLOR
Lens
White
Emitted
LHRFSWK31693/R21/A
MATERIAL
PART NO
Storage Temperature
Tstg
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
℃)
Absolute Maximum Ratings at Ta=25
℃
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LHRFSWK31693/R21/A
Chromaticity
Coordinates
(Typ.)
X
Y
Typ.
InGaN
Luminous
intensity
@20mA(mcd)
Min.
1500
Typ.
2700
WK
HRF(S)
30
60
72
10
2000
Dominant
wave
length
λDnm
PART NO
Red
Emitted
Lens
MATERIAL
COLOR
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@
mA(mcd)
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Min.
1.7
625
20
2.6
2200
Max. Min.
20
10
4000
Typ.
LHRFSWK31693/R21/A
-40~ +85
-40~ +100
AlGaInP
Water Clear
Water Clear



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com