Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRFDBK9553-R5-B01 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHRFDBK9553-R5-B01
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFDBK9553-R5-B01 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHRFDBK9553-R5-B01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2.The luminous intensity data did not including ±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
2 1/2
D
Symbol
Forward Voltage
VF
Viewing Angle
Dominant Wavelength
Spectral Line Half-Width
Luminous Intensity
Items
Iv
VIF=20mA
----
DBK
HRF
DBK
----
2.8
----
120
120
----
----
3.6
IF=20mA
deg
----
630
----
HRF
----
HRF
HRF
DBK
1.5
----
DBK
----
----
20
----
30
2.4
----
470
----
DBK
HRF
200
80
Min.
----
----
500
200
Typ.
Max.
IF=20mA
IF=20mA
nm
nm
IF=20mA
CONDITION
mcd
UNIT
Page 3/12
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Absolute Maximum Ratings at Ta=25
Topr
Tstg
ESD
IFP
PD
Symbol
Storage Temperature
Reverse Current @5V
Operating Temperature
Electrostatic Discharge
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
PART NO. LHRFDBK9553/R5-B01
Forward Current
Parameter
- 40 ~ + 85
- 40 ~ + 100
2000
Ir
72
10
90
500
V
108
50
100
mW
A
mA
Ratings
IF
30
HRF
30
DBK
UNIT
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com