Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRFDBK9553-R5-B01 Datasheet(PDF) 13 Page - LIGITEK electronics co., ltd.

Part # LHRFDBK9553-R5-B01
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFDBK9553-R5-B01 Datasheet(HTML) 13 Page - LIGITEK electronics co., ltd.

Back Button LHRFDBK9553-R5-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LHRFDBK9553/R5-B01
Reliability Test:
Page 12/12
Environmental
Test
1.T=260°C Max. 10sec.Max.
2. 6 Min
IR Reflow
1.100°C±5°C
-40°C±5°C
30mins / 5mins / 30mins
2.100 Cyeles
Temperature
Cycling
Endurance
Test
Classification
1.Ta=85°C
2.RH=85%
3.t=1000hrs(-24hrs,+72hrs)
1.Ta=-40°C±5°C
2.t=1000 hrs (-24hrs,+72hrs)
1.Ta=100°C±5°C ~ -40°C±5°C
20min/ 10sec / 20min
2.total 100 cycles
High Temperature
High Humidity
Storage Test
Thermal Shock Test
Low Temperature
Storage Test
1.Ta=100°C±5°C
2.t=1000 hrs (-24hrs,+72hrs)
1.Ta=25°C
2.If=20mA
3.t=1000 hrs (-24hrs,+72hrs)
High Temperature
Storage Test
Test Item
Operating Life Test
Test Condition
Sample
Size
22
22
22
22
22
22
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com