Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRGB9Q53-R3-TR1 Datasheet(PDF) 7 Page - LIGITEK electronics co., ltd.

Part # LRGB9Q53-R3-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB9Q53-R3-TR1 Datasheet(HTML) 7 Page - LIGITEK electronics co., ltd.

Back Button LRGB9Q53-R3-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 11Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
3.0
2.0
1.0
1.5
2.5
Fig.4 Relative Intensity vs. Temperature
0.0
0.5
1.0
Wavelength (nm)
400
0.0
0.5
450
500
550
Fig.3 Forward Voltage vs. Temperature
0
Ambient Temperature(
℃)
Fig.5 Relative Intensity vs. Wavelength
-40
0.8
-20
1.0
0.9
1.1
1.2
80
40
20
60
100
Ambient Temperature(
℃)
-20
-40
0
20
40
60
80
100
3.0
2.5
Fig.2 Relative Intensity vs. Forward Current
2.0
1.5
1.0
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
1.0
0 1
2.0
10
1
100
DBK CHIP
1000
3.0
4.0
5.0
Page 6/12
Forward Current(mA)
1
10
100
1000
Fig.6 Directive Radiation
0
°
30
°
60
°
-30
°
-60
°
25%
100%
0
25%
50%
75%
75% 100%
50%
PART NO. LRGB9Q53/R3/TR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com