Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRGB9Q53-R3-TR1 Datasheet(PDF) 13 Page - LIGITEK electronics co., ltd.

Part # LRGB9Q53-R3-TR1
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB9Q53-R3-TR1 Datasheet(HTML) 13 Page - LIGITEK electronics co., ltd.

Back Button LRGB9Q53-R3-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LRGB9Q53-R3-TR1 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Page 12/12
Sample
Size
22
22
22
22
22
Reliability Test:
Test Condition
±
℃ 5℃
hrs
Test Item
Operating Life Test
2.t=
High Temperature
Storage Test
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If= 60mA
3.t=1000 hrs
1.Ta=105
500
5±
℃ 5℃
℃±5℃&
hrs±2hrs
5℃
30min)
100 cycles
%~95%
2.Ta=
Low Temperature
Storage Test
4.t=
-40
(30
Thermal Shock Test
High Temperature
High Humidity
Storage Test
1.Ta=-40
℃±5℃
2.t=1000 hrs
1.IR-Reflow In-Board,2 times
2.Ta=105
±
℃
min) (
3.total
1.IR-Reflow In-Board, 2 Times
8
3.RH=90
500
Classification
Endurance
Test
(1)Test items and results
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
22
22
Max.
U.S.L x2.0
-
U.S.L x1.2
40℃
25
~ -
℃
Cyeles
15mins 30mins
1.105
Reflow Soldering Test
2.10
Temperature
Cycling
1.T.Sol=260
℃±5℃
2.Dwell Time= 10 Max .
~
℃
30mins
0
Min.
-
L.S.L x 0.5
-
Symbol
Item
If=60mA
If=60mA
Test Conditions
(2)Criteria for judging the damage
Environmental
Test
Note:
2.L.S.L.:Lower Standard Level.
1.U.S.L.:Upper Standard Level.
Criteria for Judgement
PART NO. LRGB9Q53/R3/TR1
Luminous Intensity
Reverse Current
Forward Voltage
Vf
Iv
Ir
Vr=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com