Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1117DT25TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LD1117DT25TR
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117DT25TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LD1117DT25TR Datasheet HTML 15Page - STMicroelectronics LD1117DT25TR Datasheet HTML 16Page - STMicroelectronics LD1117DT25TR Datasheet HTML 17Page - STMicroelectronics LD1117DT25TR Datasheet HTML 18Page - STMicroelectronics LD1117DT25TR Datasheet HTML 19Page - STMicroelectronics LD1117DT25TR Datasheet HTML 20Page - STMicroelectronics LD1117DT25TR Datasheet HTML 21Page - STMicroelectronics LD1117DT25TR Datasheet HTML 22Page - STMicroelectronics LD1117DT25TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LD1117 series
Electrical characteristics
19/38
Table 17.
Electrical characteristics of LD1117C (Adjustable)
(refer to the test circuits, TJ = -40 to 125°C, CO = 10 µF, unless otherwise specified).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
Vref
Reference voltage
Vin - VO = 2 V, IO = 10 mA, TJ = 25°C
1.225
1.25
1.275
V
Vref
Reference voltage
IO = 10 to 800 mA, Vin - VO= 1.4 to 10 V
1.2
1.3
V
∆VO
Line regulation
Vin - VO = 1.5 to 13.75 V, IO = 10 mA
1
%
∆VO
Load regulation
Vin - VO = 3 V, IO = 10 to 800 mA
1
%
∆VO
Temperature stability
0.5
%
∆VO
Long term stability
1000 hrs, TJ = 125°C
0.3
%
Vin
Operating input voltage
15
V
Iadj
Adjustment pin current
Vin ≤15 V
60
120
µA
∆Iadj
Adjustment pin current change Vin - VO = 1.4 to 10 V, IO = 10 to 800 mA
1
10
µA
IO(min)
Minimum load current
Vin = 15 V
2
5
mA
IO
Output current
Vin - VO = 5 V, TJ = 25°C
800
950
1300
mA
eN
Output noise (%VO)
B =10Hz to 10KHz, TJ = 25°C
0.003
%
SVR
Supply voltage rejection
IO = 40 mA, f = 120Hz, TJ = 25°C
Vin - VO = 3 V, Vripple = 1 VPP
60
75
dB
Vd
Dropout voltage
IO = 100 mA, TJ = 0 to 125°C
1
1.1
V
IO = 500 mA, TJ = 0 to 125°C
1.05
1.15
IO = 800 mA, TJ = 0 to 125°C
1.10
1.2
Vd
Dropout voltage
IO = 100 mA
1.1
V
IO = 500 mA
1.2
IO = 800 mA
1.3
Thermal regulation
Ta = 25°C, 30ms Pulse
0.01
0.1
%/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com