Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD1117DT25TR Datasheet(PDF) 36 Page - STMicroelectronics

Part # LD1117DT25TR
Description  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117DT25TR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LD1117DT25TR Datasheet HTML 30Page - STMicroelectronics LD1117DT25TR Datasheet HTML 31Page - STMicroelectronics LD1117DT25TR Datasheet HTML 32Page - STMicroelectronics LD1117DT25TR Datasheet HTML 33Page - STMicroelectronics LD1117DT25TR Datasheet HTML 34Page - STMicroelectronics LD1117DT25TR Datasheet HTML 35Page - STMicroelectronics LD1117DT25TR Datasheet HTML 36Page - STMicroelectronics LD1117DT25TR Datasheet HTML 37Page - STMicroelectronics LD1117DT25TR Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Order code
LD1117 series
36/38
8
Order code
(*) Available on request.
Table 20.
Order code
Part numbers
SOT-223
SO-8
DPAK
DPAK (T&R)
TO-220
Output
voltage
LD1117S12TR
LD1117D12TR (*)
LD1117DT12 (*)
LD1117DT12TR
LD1117V12 (*)
1.2 V
LD1117S12CTR (*) LD1117D12CTR (*) LD1117DT12C (*)
LD1117V12C (*)
1.2 V
LD1117S18TR
LD1117D18TR (*)
LD1117DT18
LD1117DT18TR
LD1117V18
1.8 V
LD1117S18CTR (*) LD1117D18CTR (*)
LD1117DT18C
LD1117DT18CTR LD1117V18C (*)
1.8 V
LD1117S25TR
LD1117D25TR (*)
LD1117DT25
LD1117DT25TR
LD1117V25
2.5 V
LD1117S25CTR
LD1117D25CTR (*)
LD1117DT25C
LD1117DT25CTR
LD1117V25C
2.5 V
LD1117S28TR
LD1117D28TR (*)
LD1117DT28TR
2.85 V
LD1117S30TR
LD1117D30TR (*)
3 V
LD1117S33TR
LD1117D33TR
LD1117DT33
LD1117DT33TR
LD1117V33
3.3 V
LD1117S33CTR
LD1117D33CTR
LD1117DT33C
LD1117DT33CTR
LD1117V33C
3.3 V
LD1117S50TR
LD1117D50TR
LD1117DT50
LD1117DT50TR
LD1117V50
5 V
LD1117S50CTR
LD1117D50CTR (*)
LD1117DT50C
LD1117DT50CTR
5 V
LD1117STR
LD1117DTR (*)
LD1117DT
LD1117DTTR
LD1117V
ADJ FROM
1.25 TO 15V
LD1117SC-R
LD1117DC-R (*)
LD1117DTC (*)
LD1117DTC-R
LD1117VC (*)
ADJ FROM
1.25 TO 15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com