Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9222ID Datasheet(PDF) 13 Page - STMicroelectronics

Part # TS9222ID
Description  HIgh precision high stability dual and quad operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS9222ID Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TS9222ID Datasheet HTML 8Page - STMicroelectronics TS9222ID Datasheet HTML 9Page - STMicroelectronics TS9222ID Datasheet HTML 10Page - STMicroelectronics TS9222ID Datasheet HTML 11Page - STMicroelectronics TS9222ID Datasheet HTML 12Page - STMicroelectronics TS9222ID Datasheet HTML 13Page - STMicroelectronics TS9222ID Datasheet HTML 14Page - STMicroelectronics TS9222ID Datasheet HTML 15Page - STMicroelectronics TS9222ID Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DocID15718 Rev 5
13/16
TS9222, TS9224
Package information
16
3.4
TSSOP14 package information
Figure 15. TSSOP14 package mechanical drawing
Table 8. TSSOP14 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.20
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.90
5.00
5.10
0.193
0.197
0.201
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.176
e
0.65
0.0256
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
k0°
8°
0°
8°
aaa
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com