Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS9222ID Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS9222ID
Description  HIgh precision high stability dual and quad operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS9222ID Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS9222ID Datasheet HTML 8Page - STMicroelectronics TS9222ID Datasheet HTML 9Page - STMicroelectronics TS9222ID Datasheet HTML 10Page - STMicroelectronics TS9222ID Datasheet HTML 11Page - STMicroelectronics TS9222ID Datasheet HTML 12Page - STMicroelectronics TS9222ID Datasheet HTML 13Page - STMicroelectronics TS9222ID Datasheet HTML 14Page - STMicroelectronics TS9222ID Datasheet HTML 15Page - STMicroelectronics TS9222ID Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ordering information
TS9222, TS9224
14/16
DocID15718 Rev 5
4
Ordering information
Table 9. Order codes
Order code
Temperature
range
Package
Packaging
Marking
TS9222ID
TS9222IDT
-40° C, +125° C
SO8
Tube or
Tape and reel
9222
TS9222IPT
TSSOP8
Tape and reel
TS9224ID
TS9224IDT
SO14
Tube or
Tape and reel
9224
TS9224IPT
TSSOP14
Tape and reel
TS9222IYDT(1)
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.
SO8
(automotive grade)
9222Y
TS9222IYPT(1)
TSSOP8
(automotive grade)
TS9224IYDT(1)
SO14
(automotive grade)
9224Y
TS9224IYPT(1)
TSSOP14
(automotive grade)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com