Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV632A Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSV632A
Description  Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV632A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSV632A Datasheet HTML 23Page - STMicroelectronics TSV632A Datasheet HTML 24Page - STMicroelectronics TSV632A Datasheet HTML 25Page - STMicroelectronics TSV632A Datasheet HTML 26Page - STMicroelectronics TSV632A Datasheet HTML 27Page - STMicroelectronics TSV632A Datasheet HTML 28Page - STMicroelectronics TSV632A Datasheet HTML 29Page - STMicroelectronics TSV632A Datasheet HTML 30Page - STMicroelectronics TSV632A Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
TSV632, TSV632A, TSV633, TSV633A, TSV634,
TSV634A, TSV635, TSV635A
Ordering information
DocID15688 Rev 6
29/31
6
Ordering information
Table 17: Order codes
Order code
Temperature range
Package
(1)
Marking
TSV632AIDT
-40 °C to 125 °C
SO8
TV632A
TSV632AILT
SOT23-8
K145
TSV632AIQ2T
DFN8 2x2
K1P
TSV632AIST
MiniSO8
K145
TSV632IDT
SΟ8
TSV632
TSV632ILT
SOT23-8
K110
TSV632IQ2T
DFN8 2x2
K1N
TSV632IST
MiniSO8
K110
TSV632IYDT
-40 °C to 125 °C,
automotive grade
(2)
SΟ8
V632IY
TSV633AIST
-40 °C to 125 °C
MiniSO10
K146
TSV633IST
K111
TSV634AIPT
TSSOP14
TSV634A
TSV634IQ4T
QFN16 3x3
K112
TSV634IPT
TSSOP14
TSV634
TSV634IYPT
-40 °C to 125 °C,
automotive grade
(2)
V634IY
TSV635AIPT
-40 °C to 125 °C
TSSOP16
TSV635A
TSV635IPT
TSV635
Notes:
(1)
All devices are in tape and reel packing
(2)
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to
AEC Q001 and Q002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com