Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV632A Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSV632A
Description  Dual and quad, rail-to-rail input/output, 60 μA, 880 kHz operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV632A Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSV632A Datasheet HTML 23Page - STMicroelectronics TSV632A Datasheet HTML 24Page - STMicroelectronics TSV632A Datasheet HTML 25Page - STMicroelectronics TSV632A Datasheet HTML 26Page - STMicroelectronics TSV632A Datasheet HTML 27Page - STMicroelectronics TSV632A Datasheet HTML 28Page - STMicroelectronics TSV632A Datasheet HTML 29Page - STMicroelectronics TSV632A Datasheet HTML 30Page - STMicroelectronics TSV632A Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Revision history
TSV632, TSV632A, TSV633, TSV633A, TSV634,
TSV634A, TSV635, TSV635A
30/31
DocID15688 Rev 6
7
Revision history
Table 18: Document revision history
Date
Revision
Changes
25-May-2009
1
Initial release.
15-Jun-2009
2
Corrected pin connection diagram in Figure 1.
03-Sep-2009
3
Added root part numbers (TSV63xA) and Table 1: "Device
summary" on cover page.
Added order code TSV632AILT in Table 17: "Order codes".
07-Nov-2011
4
Added DFN8 2x2 package mechanical drawing.
Added ordering information for DFN package to Table 17: "Order
codes".
Corrected unit on Y axis of Figure 16 and Figure 17.
13-Dec-2012
5
Updated Features
Added QFN16 3x3 package
Updated Figure 1: "Pin connections for each package (top view)".
Table 4, Table 6, and Table 7: replaced DVio symbol with ∆Vio/∆T
Table 4, Table 5, Table 6, Table 7 and Table 8: for supply current
parameter, replaced “operator” with “channel”.
Table 17: "Order codes": added automotive order codes and
updated footnote
Deleted TSV632ID/AID from order codes in Table 17: "Order
codes"
29-May-2015
6
Table 4, Table 6, and Table 7: VOH "min" values changed to "max"
values.
Table 17: "Order codes": added order code TSV632AIQ2T,
updated footnote 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com