Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV853A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV853A
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV853A Datasheet(HTML) 1 Page - STMicroelectronics

  TSV853A Datasheet HTML 1Page - STMicroelectronics TSV853A Datasheet HTML 2Page - STMicroelectronics TSV853A Datasheet HTML 3Page - STMicroelectronics TSV853A Datasheet HTML 4Page - STMicroelectronics TSV853A Datasheet HTML 5Page - STMicroelectronics TSV853A Datasheet HTML 6Page - STMicroelectronics TSV853A Datasheet HTML 7Page - STMicroelectronics TSV853A Datasheet HTML 8Page - STMicroelectronics TSV853A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This is information on a product in full production.
April 2017
DocID022468 Rev 4
1/31
TSV85x, TSV85xA
Low-power, high-accuracy, general-purpose operational amplifier
Datasheet
- production data
Features
• Low power consumption: 180 µA max at 5 V
• Low power shutdown mode: 50 nA max
• Low offset voltage: 0.8 mV max at 25 °C
• Tiny packages
• Extended temperature range: -40 °C to 125 °C
• Low supply voltage: 2.3 V - 5.5 V
• Gain bandwidth product: 1.3 MHz
• Automotive qualification
Benefits
• Longer lifetime in battery-powered applications
• Higher accuracy without calibration
• Smaller form factor than equivalent competitor
devices
• Application performances guaranteed over
wide temperature ranges
Related products
• See LMV82x series for higher gain bandwidth
product (5.5 MHz)
Applications
• Battery-powered applications
• Portable devices
• Automotive signal conditioning
• Active filtering
• Medical instrumentation
Description
The TSV85x, TSV85xA series of single, dual, and
quad operational amplifiers offer low voltage
operation with a rail-to-rail output swing. The
TSV85x, TSV85xA series outperforms the
industry standard LMV321, proposing lower
supply voltage capability, enhanced input offset
voltage, and smaller packages.
The devices are offered with either industry
standard pinouts or with a power-saving
shutdown feature that reduces the supply current
to a maximum of 50 nA at 25 °C.
The wide temperature range, high ESD tolerance,
and automotive grade qualification ease the use
in harsh automotive applications.
TSSOP14
SO14
SC70-5
DFN8 2x2
MiniSO8
SOT23-5
MiniSO10
SOT23-6
TSSOP16
SO8
QFN16 3x3
Table 1. Device summary
Without
shutdown feature
With
shutdown feature
Standard
Vio
Enhanced
Vio
Standard
Vio
Enhanced
Vio
Single
TSV851
TSV851A
TSV850
TSV850A
Dual
TSV852
TSV852A
TSV853
TSV853A
Quad
TSV854
TSV854A
TSV855
TSV855A
www.st.com


Similar Part No. - TSV853A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSV853AIST ETC2-TSV853AIST Datasheet
1,016Kb / 31P
Low-power, high-accuracy, general-purpose operational amplifier
More results

Similar Description - TSV853A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
General purpose operational amplifier
1994 Aug 31
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
General purpose operational amplifier
August 31, 1994
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
General - Purpose Operational Amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
General Purpose Operational Amplifier
logo
STMicroelectronics
LMV822AIST STMICROELECTRONICS-LMV822AIST Datasheet
873Kb / 32P
Low power, high accuracy, general-purpose operational amplifier
29-Jan-2013
logo
List of Unclassifed Man...
TSV854IQ4T ETC2-TSV854IQ4T Datasheet
1,016Kb / 31P
Low-power, high-accuracy, general-purpose operational amplifier
logo
Analog Devices
AD540 AD-AD540_15 Datasheet
1Mb / 4P
HIGH ACCURACY LOW COST FET INPUT OPERATIONAL AMPLIFIER
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com