Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV853A Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV853A
Description  Low-power, high-accuracy, general-purpose operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV853A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV853A Datasheet HTML 8Page - STMicroelectronics TSV853A Datasheet HTML 9Page - STMicroelectronics TSV853A Datasheet HTML 10Page - STMicroelectronics TSV853A Datasheet HTML 11Page - STMicroelectronics TSV853A Datasheet HTML 12Page - STMicroelectronics TSV853A Datasheet HTML 13Page - STMicroelectronics TSV853A Datasheet HTML 14Page - STMicroelectronics TSV853A Datasheet HTML 15Page - STMicroelectronics TSV853A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Electrical characteristics
TSV85x, TSV85xA
12/31
DocID022468 Rev 4
Figure 14. Positive and negative slew rate vs.
supply voltage
Figure 15. Positive slew rate at VCC = 5 V with
Cl = 100 pF
2.5
3.0
3.0
3.5
4.0
4.0
4.5
5.0
5.0
5.5
-0.8
-0.5
-0.5
-0.3
0.0
0.0
0.3
0.5
0.5
0.8
T=-40°C
T=25°C
T=125°C
T=-40°C
Cl=100pF
Rl=2k
Ω
Vicm=Vcc/2
Vload=Vcc/2
T=125°C
T=25°C
Supply Voltage (V)
-1
012
3
4
567
89
-2.0
-2.0
-1.5
-1.0
-1.0
-0.5
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
Vcc=5V
Vicm=Vcc/2
Cl=100pF
Rl=1M
Ω
T=25°C
T=125°C
T=-40°C
Time (µs)
Figure 16. Negative slew rate at VCC = 5 V with
Cl = 100 pF
Figure 17. Noise vs. frequency
-1
012
3
4
567
89
-2.0
-2.0
-1.5
-1.0
-1.0
-0.5
0.0
0.0
0.5
1.0
1.0
1.5
2.0
2.0
Vcc=5V
Vicm=Vcc/2
Cl=100pF
Rl=1M
Ω
T=25°C
T=125°C
T=-40°C
Time (µs)
100
1000
10000
0
0
20
40
40
60
80
80
100
120
120
140
Vicm=Vcc/2
T=25°C
Vcc=2.7V
Vcc=5V
Frequency (Hz)
Figure 18. 0.1 Hz to 10 Hz noise at VCC = 5 V
Figure 19. Distortion + noise vs. frequency
024
68
10
-6
-4
-2
0
2
4
6
Vcc=5V
Vicm=2.5V
T=25°C
Time (s)
100
1000
10000
10
-3
10
-2
10
-1
Vcc=5V
BW=80kHz
Vin=1Vpp
Gain=1
Vicm=Vcc/2
T=25°C
Rl=10k
Ω
Rl=2k
Ω
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com