Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3245L Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3C3245L
Description  2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3245L Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3C3245L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3245L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3245L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3245L Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PS8162B
12/10/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3C3245
2.5V/3.3V,HighBandwidth,
Hot Insertion, 8-Bit, 2-Port, Bus Switch
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
4.0
2.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
VIN, (V)
VCC = 3.3V
3.1V
2.9V
2.7V
2.5V
2.3V
3.6V
3.8V
3.4V
3.2V
3.0V
2.8V
Output Voltage vs. Input Voltage over Various Supply Voltages
t
r
a
Pe
g
a
k
c
a
P
-
n
i
Pe
r
u
t
a
r
e
p
m
e
T
L
5
4
2
3
C
3
I
P)
L
(
P
O
S
S
T
-
0
2C
º
5
8
+
o
t
C
º
0
4
–
Q
5
4
2
3
C
3
I
P)
Q
(
P
O
S
Q
-
0
2C
º
5
8
+
o
t
C
º
0
4
–
OrderingInformation
Output Voltage vs. Input Voltage over Various Supply Voltages



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com