Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3245L Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3C3245L
Description  2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3245L Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3C3245L Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3245L Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3245L Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3245L Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PI3C3245
2.5V/3.3V,HighBandwidth,
Hot Insertion, 8-Bit, 2-Port, Bus Switch
3
PS8162B
12/10/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3C3245
Com.
Parameters Description
Conditions(1)
Min.
Max.
Units
tPLH
Propagation Delay(2,3) CL = 50pF,
0.25
tPHL
Ax to Bx
RL = 500Ω
tPZH
Bus Enable Time
1.5
6.5
ns
tPZL
BE to Ax or Bx
CL = 50pF,
tPHZ
Bus Disable Time
RL = 500Ω,
1.5
5.5
tPLZ
BE to Ax or Bx
R = 500
Ω
Power Supply Characteristics
Parameters Description
Test Conditions
(1)
Min.
Typ.(2)
Max.
Units
ICC
Quiescent Power
VCC = Max.
VIN = GND or VCC
260
500
Supply Current
∆ICC
Supply Current per
VCC = Max.
VIN = 3.0V(3)
750
Input HIGH
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per driven input (control input only); A and B pins do not contribute to
∆ICC.
Switching Characteristics over 3.3V Operating Range
µA
PI3C3245
Com.
Parameters Description
Conditions(1)
Min.
Max.
Units
tPLH
Propagation Delay(2,3) CL = 50pF,
0.25
tPHL
Ax to Bx
RL = 500Ω
tPZH
Bus Enable Time
1.5
9.8
ns
tPZL
BE to Ax or Bx
CL = 50pF,
tPHZ
Bus Disable Time
RL = 500Ω,
1.5
8.3
tPLZ
BE to Ax or Bx
R = 500
Ω
Switching Characteristics over 2.5V Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and
the load capacitance. The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time
constant is much smaller than the rise/fall times of typical driving signals, it adds very little propagational delay to
the system. Propagational delay of the bus switch when used in a system is determined by the driving circuit on the
driving side of the switch and its interaction with the load on the driven side.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com