Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA Datasheet(PDF) 1 Page - Artesyn Technologies

Part # ATA
Description  Efficiency up to 86%
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATA Datasheet(HTML) 1 Page - Artesyn Technologies

  ATA Datasheet HTML 1Page - Artesyn Technologies ATA Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
ATA Series
6 Watts
Total Power: 6 W
Input Voltage: 12, 24 or 48 V
# of Outputs: Single and Dual
SPECIAL FEATURES
ƒ
Ultra compact DIP package
23.8 x 13.7 x 8.0 mm
(0.94 x 0.54 x 0.31 inches)
ƒ
Efficiency up to 86%
ƒ
I/O-isolation 1500 VDC
ƒ
Ultra-wide 4:1 input range
ƒ
Operating temperature range
-40 °C to +85 °C
ƒ
Input filter meets EN 55022,class A
and FCC, level A
ƒ
Three year product warranty
ƒ
UL/cUL/IEC/EN 62368-1 (60950-1)
safety approval and CE marking
SAFETY
ƒ
UL/cUL 60950-1 recognition
(UL certificate), IEC/EN60950-1
ƒ
UL/cUL 62368-1 recognition
(UL Certificate), IEC/EN62368-1
Electrical Specifications
Input
Input range
9 - 36 Vdc, 18 - 75 Vdc
Efficiency
86% @ 24 Vo
Output
Voltage tolerance
±2.0%
Line regulation
0.8%
Load regulation
1.0%
Noise/ripple
55 mV
Overload protection
150% typ of Io max, Hiccup
Short circuit protection
Hiccup mode
Switching frequency
370 KHz
Isolation
I/O isolation
I/O: 1500 Vdc
Insulation resistance
1000 Mohm
Insulation capacitance
500 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C
Storage temperature
-50 °C to +125 °C
Humidity
5% to 95% non-condensing
MTBF
TBD Khrs calculated


Similar Part No. - ATA

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
ATA PROSIGNAL-ATA Datasheet
25Kb / 1P
Serial ATA Power Leads
logo
List of Unclassifed Man...
ATA-120 ETC-ATA-120 Datasheet
392Kb / 13P
20W Class D Single Channel Audio Amplifier
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
222Kb / 8P
AGC TRANSIMPEDANCE AMPLIFIER
Rev. 1.5
ATA00501S2C ANADIGICS-ATA00501S2C Datasheet
180Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1
More results

Similar Description - ATA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP101 TI1-TFP101_14 Datasheet
547Kb / 21P
Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
logo
Alpha & Omega Semicondu...
AOZ1110QI AOSMD-AOZ1110QI Datasheet
681Kb / 16P
Efficiency up to 95%
logo
Total Power Internation...
MPW2000 TOTAL-POWER-MPW2000 Datasheet
435Kb / 8P
Efficiency up to 89%
logo
Arch Electronics Corp.
AQC100_SERIES ARCH-AQC100_SERIES Datasheet
291Kb / 4P
High Efficiency up to 93% Typical
AQF100O_SERIES ARCH-AQF100O_SERIES Datasheet
338Kb / 5P
High Efficiency up to 93% Typical
AQF120U_SERIES ARCH-AQF120U_SERIES Datasheet
355Kb / 5P
High Efficiency up to 93%
logo
Recom International Pow...
RB-E RECOM-RB-E Datasheet
95Kb / 2P
High Efficiency up to 84% Full Load
RO-E RECOM-RO-E Datasheet
90Kb / 2P
High Efficiency up to 84%
R-78B-2.0 RECOM-R-78B-2.0 Datasheet
401Kb / 5P
Efficiency Up To 96%, No Heatsinks Required
logo
Delta Electronics, Inc.
T48SR05005 DELTA-T48SR05005 Datasheet
439Kb / 12P
High efficiency : 86% @ 5V/5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com