Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA Datasheet(PDF) 2 Page - Artesyn Technologies

Part # ATA
Description  Efficiency up to 86%
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ATA Datasheet(HTML) 2 Page - Artesyn Technologies

  ATA Datasheet HTML 1Page - Artesyn Technologies ATA Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ATA Series Data Sheet
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2017 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
ATA 6W Series DS 04Jan2017
Mechanical Dimensions
• All dimensions in mm (inches)
• Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
• Pin pitch tolerance: ±0.25 (±0.01)
• Pin dimension tolerance: ±0.1 (±0.004)
Ordering Information
Part Number
Input Voltage
Output Voltage
Output Current
Efficiency
Power
ATA01F18-L
9-36 Vdc
3.3 V
1200 mA
78%
4 W
ATA01A18-L
9-36 Vdc
5 V
1200 mA
82%
6 W
ATA01B18-L
9-36 Vdc
12 V
500 mA
85%
6 W
ATA01C18-L
9-36 Vdc
15 V
400 mA
85%
6 W
ATA01H18-L
9-36 Vdc
24 V
250 mA
86%
6 W
ATA01BB18-L
9-36 Vdc
±12 V
250 mA
85%
6 W
ATA01CC18-L
9-36 Vdc
±15 V
200 mA
86%
6 W
ATA01F36-L
18-75 Vdc
3.3 V
1200 mA
78%
4 W
ATA01A36-L
18-75 Vdc
5 V
1200 mA
82%
6 W
ATA01B36-L
18-75 Vdc
12 V
500 mA
85%
6 W
ATA01C36-L
18-75 Vdc
15 V
400 mA
85%
6 W
ATA01H36-L
18-75 Vdc
24 V
250 mA
86%
6 W
ATA01BB36-L
18-75 Vdc
± 12 V
250 mA
85%
6 W
ATA01CC36-L
18-75 Vdc
± 15 V
200 mA
86%
6 W
0.5 [0.02]
1
7
8
16
10
9
2.54
[0.10]
23.8 [0.94]
Bottom View
15.24
[0.60]
3.0
[0.12]
Pin Connectors
Pin No.
Single Output
Dual Output
1
-Vin
-Vin
7
No Connection
No Connection
8
No Connection
Common
9
+Vout
+Vout
10
-Vout
-Vout
16
+Vin
+Vin



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com