Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVO120 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AVO120
Description  Fixed switching frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVO120 Datasheet(HTML) 1 Page - Artesyn Technologies

  AVO120 Datasheet HTML 1Page - Artesyn Technologies AVO120 Datasheet HTML 2Page - Artesyn Technologies AVO120 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
AVO120 Series
120 Watts
Total Power: 120 Watts
Input Voltage: 36 - 75 V
# of Outputs: Single
SPECIAL FEATURES
ƒ
2:1 wide input range
ƒ
Optimised for high density, small
space applications
ƒ
Low ripple and noise
ƒ
Fixed switching frequency
ƒ
High efficiency
ƒ
High capacitive load capability
ƒ
Basic insulation system
ƒ
Pre-bias start-up capability
ƒ
Through-hole or SMT termination
ƒ
Open frame structure with baseplate
option
SAFETY
ƒ
UL, cUL: UL60950
ƒ
TUV/CE: IEC/EN60950
Electrical Specifications
Input
Input range
36 - 75 VDC
Efficiency2
93% @12 Vo
Output
Maximum power
+/-1.6%
Line regulation
+/- 6 mV
Load regulation
+/- 10 mV
Noise/ripple
65 mV
Overvoltage protection
Overtemperature protection
Auto-restart
Switching frequency
165 KHz
Temperature co-efficient
±0.02 /°C
Isolation
I/O isolation
2000 VDC min.
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C
Storage temperature
-55 °C to +125 °C
Humidity
5% to 95% (non-condensing)
MTBF
1.5 Million hours
RoHS compliant
Data Sheet


Similar Part No. - AVO120

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AVO120 ADVANCEDENERGY-AVO120 Datasheet
379Kb / 5P
120 Watts
logo
Artesyn Technologies
AVO120-48S12-4L ARTESYN-AVO120-48S12-4L Datasheet
498Kb / 3P
Total Power: 120 Watts
AVO120-48S12-6L ARTESYN-AVO120-48S12-6L Datasheet
498Kb / 3P
Total Power: 120 Watts
AVO120-48S12B-4L ARTESYN-AVO120-48S12B-4L Datasheet
498Kb / 3P
Total Power: 120 Watts
AVO120-48S12B-6L ARTESYN-AVO120-48S12B-6L Datasheet
498Kb / 3P
Total Power: 120 Watts
More results

Similar Description - AVO120

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
MT5A-1233SI VOLGEN-MT5A-1233SI Datasheet
211Kb / 2P
FIXED SWITCHING FREQUENCY
logo
Lowpower Semiconductor ...
LP6217 POWER-LP6217 Datasheet
344Kb / 6P
1MHz fixed frequency switching
logo
Unisonic Technologies
P1690G-S08-R UTC-P1690G-S08-R Datasheet
172Kb / 5P
Fixed 150KHz Switching Frequency
logo
Artesyn Technologies
AVD50 ARTESYN-AVD50 Datasheet
561Kb / 3P
Fixed switching frequency
AVD75 ARTESYN-AVD75 Datasheet
497Kb / 3P
Fixed switching frequency
AVD85 ARTESYN-AVD85 Datasheet
541Kb / 3P
Fixed switching frequency
AVO75 ARTESYN-AVO75 Datasheet
1Mb / 3P
Fixed switching frequency
AVO240 ARTESYN-AVO240 Datasheet
650Kb / 4P
Fixed switching frequency
logo
Wall Industries,Inc.
ZFW WALL-ZFW Datasheet
409Kb / 7P
Fixed Switching Frequency
logo
Maxim Integrated Produc...
MAX8506EVKIT MAXIM-MAX8506EVKIT Datasheet
104Kb / 5P
1MHz Fixed-Frequency PWM Switching
Rev 0; 2/04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com