Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVO120 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # AVO120
Description  Fixed switching frequency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AVO120 Datasheet(HTML) 2 Page - Artesyn Technologies

  AVO120 Datasheet HTML 1Page - Artesyn Technologies AVO120 Datasheet HTML 2Page - Artesyn Technologies AVO120 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AVO120 Series Data Sheet
Ordering Information
Model number
Input voltage
Output voltage
Power
AVO120-48S12-4L
36 - 75 Vin
12 V @ 10 A
120 W
AVO120-48S12-6L
36 - 75 Vin
12 V @ 10 A
120 W
AVO120-48S12B-4L
36 - 75 Vin
12 V @ 10 A
120 W
AVO120-48S12B-6L
36 - 75 Vin
12 V @ 10 A
120 W
AVO120-48S12P-4L
36 - 75 Vin
12 V @ 10 A
120 W
AVO120-48S12P-6L
36 - 75 Vin
12 V @ 10 A
120 W
AVO120-48S12PB-4L
36 - 75 Vin
12 V @ 10 A
120 W
AVO120-48S12PB-6L
36 - 75 Vin
12 V @ 10 A
120 W
- Standard version is negative enable
- “-6” = 3.8 mm pin length
- “-4” = 4.8 mm pin length
- “-P” = Positive enable
- “-B” = Baseplate
Mechanical Drawings
Notes:
1. All specifications are subject to change without notice. Mechanical drawings are for reference only.
2. Warranty: 2 years
3. Label and logo appearance may vary from what is shown on mechanical drawings.
A
+0
-0.
05
A
2.4
7
6
5
4
3
2
1
8
50.80[2.000]
57.90[2.280]
Bottom view
Side view
2- 1.5 0.1
Load board
2- 2.2 0.1
6- 1.7 0.1
6- 1.0 0.1
Unit: mm[inch]
Bottom view: pin on upside
Tolerance: X.Xmm 0.5mm[X.X in. 0.02in.]
X.XXmm 0.25mm[X.XX in. 0.01in.]
57.9 0.1
55.5 0.1
50.8 0.1
4-
12
4-
1.6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com