Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW24N50D Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW24N50D
Description  N-channel Enhanced mode TO-247 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW24N50D Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW24N50D Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW24N50D Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW24N50D Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW24N50D Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW24N50D Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW24N50D Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
May. 2017. Rev. 2.0
1/6
SW24N50D
Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DSS
Drain to source voltage
500
V
I
D
Continuous drain current (@T
C=25
oC)
24*
A
Continuous drain current (@T
C=100
oC)
15*
A
I
DM
Drain current pulsed
(note 1)
96
A
V
GS
Gate to source voltage
± 30
V
E
AS
Single pulsed avalanche energy
(note 2)
1944
mJ
E
AR
Repetitive avalanche energy
(note 1)
180
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
278
W
Derating factor above 25oC
2.2
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
T
L
Maximum lead temperature for soldering
purpose, 1/8 from case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
R
thjc
Thermal resistance, Junction to case
0.45
oC/W
R
thja
Thermal resistance, Junction to ambient
35
oC/W
*. Drain current is limited by junction temperature.
1. Gate 2. Drain 3. Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW T 24N50D
SW24N50D
TO-247
TUBE
N-channel Enhanced mode TO-247 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 0.14Ω)@VGS=10V
 Low Gate Charge (Typ 129nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application: LED , Charge, PC Power
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 500V
I
D
: 24A
R
DS(ON) : 0.14Ω
1
2
3
TO-247
1
2
3


Similar Part No. - SW24N50D

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW24 ALPHAWIRE-SW24 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
NiceRF Wireless Technol...
SW240-ZB144 G-NICE-SW240-ZB144 Datasheet
203Kb / 2P
VHF Band Omnidirectional Antenna
Rev 1.0
SW2400-ZD195 G-NICE-SW2400-ZD195 Datasheet
564Kb / 2P
2.4GHz Folding Rod Antenna
V1.0
logo
Shenzhen Sunnyway Batte...
SW24000 SUNNYWAY-SW24000 Datasheet
392Kb / 1P
Telecom & Industry stationary battery
logo
List of Unclassifed Man...
SW24000 ETC2-SW24000 Datasheet
554Kb / 2P
Wireless Technology to Control and Monitor Anything from Anywhere
More results

Similar Description - SW24N50D

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW22N65D SEMIPOWER-SW22N65D Datasheet
757Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N60K SEMIPOWER-SW38N60K Datasheet
815Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N65K SEMIPOWER-SW38N65K Datasheet
819Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N65KF SEMIPOWER-SW38N65KF Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW38N70K SEMIPOWER-SW38N70K Datasheet
788Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N60K SEMIPOWER-SW47N60K Datasheet
847Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N65K SEMIPOWER-SW47N65K Datasheet
838Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW47N65KF SEMIPOWER-SW47N65KF Datasheet
825Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW69N65K2F SEMIPOWER-SW69N65K2F Datasheet
639Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
SW88N60K2 SEMIPOWER-SW88N60K2 Datasheet
672Kb / 6P
N-channel Enhanced mode TO-247 MOSFET
May.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com