Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXA Datasheet(PDF) 1 Page - Artesyn Technologies

Part # AXA
Description  Metal case with isolated baseplate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

AXA Datasheet(HTML) 1 Page - Artesyn Technologies

  AXA Datasheet HTML 1Page - Artesyn Technologies AXA Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
AXA Series
10 Watts
Total Power: 10 W
Input Voltage: 24 or 48 V
# of Outputs: Single and Dual
SPECIAL FEATURES
ƒ
Package size 1.0” x 1.0” x 0.4”
ƒ
Ultra-wide 4:1 input range:
9 - 36 Vin, 18 - 75 Vin
ƒ
Very high efficiency up to 87%
ƒ
Operating temperature range:
-40 °C to +85 °C
ƒ
I/O isolation voltage 1500 VDC
ƒ
Remote ON/OFF control
ƒ
Metal case with isolated baseplate
ƒ
CSA/UL/IEC/EN 60950-1
Safety Approval
SAFETY
ƒ
cUL/UL 60950-1
ƒ
IEC/EN 60950-1
Electrical Specifications
Input
Input range
9 - 36 Vdc, 18 - 75 Vdc
Efficiency
87% @ 12 Vo
Output
Voltage tolerance
±2.0%
Line regulation
±0.3%
Load regulation
±0.5%
Noise/ripple
100 mV
Overload protection
150% typ of Io max, hiccup
Short circuit protection
Hiccup mode
Switching frequency
450 kHz
Isolation
I/O isolation
I/O: 1500 Vdc
Insulation resistance
1000 Mohm
Insulation capacitance
1500 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C
Storage temperature
-50 °C to +125 °C
Humidity
5% to 95% non-condensing
MTBF
350 Khrs calculated


Similar Part No. - AXA

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXA-AMNFB L-COM-AXA-AMNFB Datasheet
26Kb / 1P
ADP,NMO/TAD TO N-FEMALE
4/21/10
AXA-BFNM90 L-COM-AXA-BFNM90 Datasheet
48Kb / 1P
ADP,BNC-FEMALE/N-MALE R/A
6/29/10
AXA-DFDF L-COM-AXA-DFDF Datasheet
63Kb / 1P
7/16 DIN FEMALE TO 7/16 DIN FEMALE ADAPTOR
06/27/13
AXA-DMDM L-COM-AXA-DMDM Datasheet
71Kb / 1P
7/16 DIN MALE TO 7/16 DIN MALE ADAPTOR
06/27/13
AXA-FMEJFMEJ L-COM-AXA-FMEJFMEJ Datasheet
120Kb / 1P
ADP,FME JACK / JACK
11/10/10
More results

Similar Description - AXA

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
High Efficiency, Isolated DC/DC Converter, with Baseplate
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
High Efficiency, Isolated DC/DC Converter, with Baseplate
logo
Nell Semiconductor Co.,...
1300PT NELLSEMI-1300PT Datasheet
1Mb / 5P
Metal Case With Ceramic insulator
2180PT NELLSEMI-2180PT Datasheet
1Mb / 6P
Metal Case With Ceramic insulator
3000PT NELLSEMI-3000PT Datasheet
543Kb / 2P
Metal Case With Ceramic insulator
logo
Total Power Internation...
MJWI10 TOTAL-POWER-MJWI10 Datasheet
491Kb / 5P
Shielded Metal Case with Isolated Baseplate
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
Metal case with ceramic insulator
25-Nov-13
VS-ST330C VISHAY-VS-ST330C Datasheet
221Kb / 8P
Metal case with ceramic insulator
20-Dec-13
VS-ST330CL VISHAY-VS-ST330CL Datasheet
185Kb / 8P
Metal case with ceramic insulator
04-Aug-14
VS-ST733CL VISHAY-VS-ST733CL Datasheet
352Kb / 10P
Metal case with ceramic insulator
26-Aug-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com