Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCH2 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DCH2
Description  Switching wallmount power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DCH2 Datasheet(HTML) 1 Page - Artesyn Technologies

  DCH2 Datasheet HTML 1Page - Artesyn Technologies DCH2 Datasheet HTML 2Page - Artesyn Technologies DCH2 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
DCH2 Series
2 Watts
Total Power: 2 Watts
Input Voltage: 90 - 264 Vac
# of Outputs: Single
SPECIAL FEATURES
ƒ
Switching wallmount power supply
ƒ
Available in multiple AC plug
configurations
ƒ
CE Mark EMC & LVD
ƒ
Universal AC input
ƒ
Overload and short circuit protection
ƒ
Constant voltage, constant current
output
ƒ
Built in EMI filter (CISPR 22 Class B)
ƒ
No load power consumption < 300 mW
SAFETY
ƒ
UL
60950/6500
ƒ
CSA
60950
ƒ
TUV
60950
ƒ
NEMKO
60950
ƒ
CB
Certificate and report
ƒ
CE
EMC & LVD
Electrical Specifications
Input
Input range
90 - 264 Vac (wide range)
Frequency
47 - 63 Hz
EMI/RFI
FCC Part 15, Subpart B Class B & EN55022
(CISPR 22) Class B & EMC89/336/EEC
Safety ground
leakage current
10 μA @ 50/60 Hz, 230 Vac input
Output
Voltage (Vo)
6.5 V (6.5 - 10 V)
Maximum power (Po)
2 W
Hold-up time
12 ms typical at full load @ 115 Vac
Overvoltage protection
25% above nominal output maximum; Latching type
Overload protection
Output short circuit protection auto recover
Overload protected > 2 A
Output cable/connector
barrel polarity
DC cable with 2.8 mm x 5.5 mm barrel plug right angle
DC plug center +V; DC plug outer -V
Data Sheet
Environmental Specifications
Operating temperature
0° to 45 °C ambient
Storage temperature
-30 °C to +85 °C
Electromagnetic susceptibility
Designed to meet EN55082-1
Humidity
Operating; non-condensing 20% to 90% RH
Vibration
Per IEC 60068-2-6


Similar Part No. - DCH2

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DCH2 EMERSON-NETWORKPOWER-DCH2 Datasheet
839Kb / 3P
Switching wallmount power supply 2 Watts
DCH2-050AU-0001 EMERSON-NETWORKPOWER-DCH2-050AU-0001 Datasheet
839Kb / 3P
Switching wallmount power supply 2 Watts
logo
Artesyn Technologies
DCH2-050AU-0001 ARTESYN-DCH2-050AU-0001 Datasheet
715Kb / 3P
DCH2 Series 2 Watts
logo
Emerson Network Power
DCH2-050EU-0001 EMERSON-NETWORKPOWER-DCH2-050EU-0001 Datasheet
839Kb / 3P
Switching wallmount power supply 2 Watts
logo
Artesyn Technologies
DCH2-050EU-0001 ARTESYN-DCH2-050EU-0001 Datasheet
715Kb / 3P
DCH2 Series 2 Watts
More results

Similar Description - DCH2

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MPU12A ASTRODYNE-MPU12A Datasheet
481Kb / 3P
12W Medical Grade Wallmount Switching Power Adapters
SPU12A ASTRODYNE-SPU12A Datasheet
547Kb / 3P
10-15 Watt Wallmount Switching Power Supplies
logo
Emerson Network Power
DA4 EMERSON-NETWORKPOWER-DA4 Datasheet
570Kb / 3P
Switching wallmount power supply
DA16 EMERSON-NETWORKPOWER-DA16 Datasheet
673Kb / 3P
Switching wallmount power supply
DCH3 EMERSON-NETWORKPOWER-DCH3 Datasheet
341Kb / 3P
Switching wallmount power supply
DA4US EMERSON-NETWORKPOWER-DA4US Datasheet
453Kb / 2P
Switching wallmount power supply 3 - 8 Watts
DCH2 EMERSON-NETWORKPOWER-DCH2 Datasheet
839Kb / 3P
Switching wallmount power supply 2 Watts
logo
Advantech Co., Ltd.
IPC-6806 ADVANTECH-IPC-6806 Datasheet
640Kb / 2P
6-Slot Desktop/Wallmount Chassis with 1U Power Supply
logo
Emerson Network Power
DCH3 EMERSON-NETWORKPOWER-DCH3_08 Datasheet
1Mb / 4P
Switching wallmount power supply
logo
Astrodyne Corporation
AMP1201 ASTRODYNE-AMP1201 Datasheet
491Kb / 3P
12W Medical Grade Wallmount Switching Power Adapters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com