Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCH2 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DCH2
Description  Switching wallmount power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DCH2 Datasheet(HTML) 2 Page - Artesyn Technologies

  DCH2 Datasheet HTML 1Page - Artesyn Technologies DCH2 Datasheet HTML 2Page - Artesyn Technologies DCH2 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DCH2 Series Data Sheet
Ordering Information
Model Number
Maximum
Power
Output
Voltage
Minimum
Load
Maximum Load
Peak Load
Ripple
P/P (PARD)1
DCH2-050US-0001
2 W
6.5 V
0
0.3 A
0.5 A
800 mV
DCH2-050EU-0001
2 W
6.5 V
0
0.3 A
0.5 A
800 mV
DCH2-050UK-0001
2 W
6.5 V
0
0.3 A
0.5 A
800 mV
DCH2-050AU-0001
2 W
6.5 V
0
0.3 A
0.5 A
800 mV
1. Peak-to-peak with 1MHz bandwidth and 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
2. Output should not be grounded for EMI purpose.
0.70”
(17.9)
1.50”
(38)
72.83”
(1850)
1.50”
(38 ± 0.2)
PIN OUT DETAIL
OD (-)
ID (+)
Mechanical Drawings
DCH2-050US
DCH2-050EU
0.70”
(17.9)
1.50”
(38)
72.83”
(1850)
0.55”
(14)
1.42”
(36.1)
PIN OUT DETAIL
OD (-)
ID (+)
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ± .02”.
3. Warranty: 2 years
4. Weight: 0.181 lb./0.082kg.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com