Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCH3 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # DCH3
Description  Universal AC input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DCH3 Datasheet(HTML) 1 Page - Artesyn Technologies

  DCH3 Datasheet HTML 1Page - Artesyn Technologies DCH3 Datasheet HTML 2Page - Artesyn Technologies DCH3 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER
DCH3 Series
3 Watts
Total Power: 3 Watts
Input Voltage: 100 - 254 Vac
# of Outputs: Single
Special FeatureS
ƒ
USB Switching wallmount
power supply
ƒ
Universal AC input
ƒ
Available in multiple DC plug
configurations
ƒ
Regulated output
ƒ
Overload and short circuit protection
ƒ
Constant voltage, constant current
ƒ
Energy Star Efficiency Level IV
ƒ
Built in EMI filter (CISPR 22 Class B)
ƒ
Available in various output
connectors
ƒ
Mini USB 2.0 dc output plug
- 0001
ƒ
Micro USB 2.0 dc output plug
- 0002
ƒ
Cable less version
- USB-A receptacle-0004
SaFety
ƒ
cUL 60950/6500
ƒ
CSA 60950
Electrical Specifications
Input
Input range:
100 - 254 Vac (wide range)
Frequency:
47 - 63 Hz
EMI/RFI:
FCC Part 15, Subpart B Class B & EN55022 (CISPR 22) Class B
&EMC89/336/EEC
Safety ground
leakage current:
10 μA @ 50/60 Hz, 230 Vac input
Output
Voltage (Vo):
5 V (4.75 - 5.25 V)
Maximum Power (Po):
3 W
Hold-up time:
25 ms. typical at full load @ 115 Vac
Overvoltage protection:
Single fault 10.5 V max. Latching type
Overload protection:
Output short circuit protection auto recover
Overload protected > 800 mA
Output:
DC cable with Mini USB 2.0 -0001 suffix and Micro USB 2.0 -0002,
Cableless USB-A-0004 suffix
Connector Pinout:
Pin 1: +V
Pin 5: ground
Data Sheet
Environmental Specifications
Operating temperature:
0° to 45 °C ambient
Storage temperature:
-20 °C to +70 °C
Electromagnetic susceptibility: Designed to meet EN55082-1
Humidity:
Operating; non-condensing 20% to 90% RH
Vibration:
Per IEC 60068-2-6
DCH3-050US-0001
DCH3-050US-0004
DCH3-050US-0002


Similar Part No. - DCH3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DCH3 EMERSON-NETWORKPOWER-DCH3 Datasheet
341Kb / 3P
Switching wallmount power supply
DCH3 EMERSON-NETWORKPOWER-DCH3 Datasheet
1Mb / 4P
Switching wallmount power supply
DCH3-050AU-0004 EMERSON-NETWORKPOWER-DCH3-050AU-0004 Datasheet
1Mb / 4P
Switching wallmount power supply
logo
Artesyn Technologies
DCH3-050AU-0004 ARTESYN-DCH3-050AU-0004 Datasheet
919Kb / 4P
DCH3 Series 3 Watts
logo
Emerson Network Power
DCH3-050EU-0001 EMERSON-NETWORKPOWER-DCH3-050EU-0001 Datasheet
341Kb / 3P
Switching wallmount power supply
More results

Similar Description - DCH3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AD50SERIES EMERSON-NETWORKPOWER-AD50SERIES Datasheet
173Kb / 2P
Universal AC input
AD8024N3L-001 EMERSON-NETWORKPOWER-AD8024N3L-001 Datasheet
500Kb / 2P
Universal AC input
DPS50 EMERSON-NETWORKPOWER-DPS50 Datasheet
456Kb / 2P
Universal AC input
DPT50 EMERSON-NETWORKPOWER-DPT50 Datasheet
647Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L Datasheet
403Kb / 2P
Universal AC input
AD2412N3L EMERSON-NETWORKPOWER-AD2412N3L_10 Datasheet
322Kb / 2P
Universal AC input
logo
Recom International Pow...
RACD100-ENEC RECOM-RACD100-ENEC Datasheet
128Kb / 2P
Universal AC Input
logo
Lite-On Technology Corp...
PA-1400-47 LITEON-PA-1400-47 Datasheet
499Kb / 2P
Universal AC Input
PA-1400-48 LITEON-PA-1400-48 Datasheet
190Kb / 1P
Universal AC Input
PA-1600-33 LITEON-PA-1600-33 Datasheet
178Kb / 1P
Universal AC Input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com