Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCH3 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # DCH3
Description  Universal AC input
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DCH3 Datasheet(HTML) 2 Page - Artesyn Technologies

  DCH3 Datasheet HTML 1Page - Artesyn Technologies DCH3 Datasheet HTML 2Page - Artesyn Technologies DCH3 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DCH3 Series Data Sheet
Ordering Information
Model Number
Maximum
Power
Output
Voltage
Minimum
Load
Maximum Load
Ripple
P/P (PARD)1
Connector
DCH3-050US-0001
3 W
5 V
0
0.55 A
200 mV
Mini USB 2.0
DCH3-050US-0002
3 W
5 V
0
0.55 A
200 mV
Micro USB 2.0
DCH3-050US-0004
3 W
5 V
0
0.55 A
200 mV
USB-A
1. Peak-to-peak with 20 mHz bandwidth & 10 μF (tantalum capacitor) in parallel with a 0.1 μF capacitor at rated line voltage & load ranges.
2. Output should not be grounded for EMI purpose.
Mechanical Drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com