Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ350 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # LPQ350
Description  Power fail and remote inhibit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ350 Datasheet(HTML) 2 Page - Artesyn Technologies

  LPQ350 Datasheet HTML 1Page - Artesyn Technologies LPQ350 Datasheet HTML 2Page - Artesyn Technologies LPQ350 Datasheet HTML 3Page - Artesyn Technologies LPQ350 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LPQ350 Series Data Sheet
Logic Control
Power fail
TTL logic signal goes high 50 - 150 msec after 5 V output. It goes low at least 4 msec before loss of regulation
Remote on/off
Requires an external contact (N.O or N.C) to inhibit outputs
DC-OK
TTL logic goes high 50 - 150 msec after 5 V output. It goes low when there is loss of regulation
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection
protected
Environmental Specifications
Operating temperature
0° to 50 °C ambient; derate each output at 2.5% per degree from 50° to 70 °C
Storage temperature
-40 °C to +85 °C
Temperature coefficient
± 0.4% per °C
Electromagnetic susceptibility
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.7 G peak 5Hz to
500Hz, operational
MTBF demonstrated
> 550,000 hours at full load and 25 °C ambient conditions
Ordering Information
Model Number
Output Voltaqe
Minlmun Load
Maximum Load
Peak Load1
Requlation2
Ripple P/P(PARD)3
LPQ352-C
+5 V
5 A
50 A
60 A
±2%
50 mV
+12 V
0 A
12 A
14 A
±3%
120 mV
-12 V
0 A
6 A
8 A
±3%
120 mV
3.3 - 24 V
*1 A
6 A
8 A
±3%
240 mV
1 max.
LPQ353-C
+5 V
5 A
50 A
60 A
±2%
50 mV
+15 V
0 A
12 A
14 A
±3%
150 mV
-15 V
0 A
6 A
8 A
±3%
150 mV
3.3 - 24 V
*1 A
6 A
8 A
±3%
240 mV
1 max.
1. Peak current lasting < 30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. 4th output 3.3 - 24 V factory set at 5 V.
5. * Minimum load required when the output is set below 5 volts.
6. If optional CF or CEF fans are not used, 30CFM forced air cooling needs to be provided and is required through the length of the power supply.
Not convection rated.
7. Remote inhibit resets OVP latch
Note: -CF suffix added to the model number indicates cover with fan,
-CEF suffix added to model number indicates end-mounted fan chassis.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com