Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ350 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # LPQ350
Description  Power fail and remote inhibit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPQ350 Datasheet(HTML) 1 Page - Artesyn Technologies

  LPQ350 Datasheet HTML 1Page - Artesyn Technologies LPQ350 Datasheet HTML 2Page - Artesyn Technologies LPQ350 Datasheet HTML 3Page - Artesyn Technologies LPQ350 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
LPQ350 Series
350 Watts
Total Power: 350 Watts
Input Voltage: 85-264 Vac
120 - 300 Vdc
# of Outputs: Quad
Special FeatureS
ƒ
Active power factor correction
ƒ
IEC EN61000-3-2 compliance
ƒ
Remote sense on 1st and 4th output
ƒ
Power fail and remote inhibit
ƒ
Single wire current sharing
ƒ
Built-in EMI filter
ƒ
Adjustable floating 4th output
ƒ
2 Supervisory output 5 V and 12 V
ƒ
Overvoltage protection
ƒ
Overload protection
ƒ
Thermal overload protection
ƒ
DC power good
ƒ
135 khz switching frequency
ƒ
Cover -C
ƒ
Optional with fan cover -CF
ƒ
Optional end-mounted fan -CEF
SaFety
ƒ
VDE
60950
21310-3336-0001
ƒ
UL
60950
ƒ
CSA
CSA 22.2-234 Level 5
LR109492C
ƒ
NEMKO EN 60950/EMKO-TUE
P97102061 (74-sec) 203
ƒ
BABT EN60950/BS7002 607019
ƒ
CB
Certificate and report
4048, 4049
ƒ
CE
Mark (LVD)
Electrical Specifications
Input
Input range
85-264 VAC; 120-300 VDC
Frequency
47-440 Hz
Inrush current
38 A max, cold start @ 25 °C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted and radiated
CISPR 22 Class B conducted and radiated
EN55022 Class B conducted and radiated
VDE 0878 PT3 Class B conducted and radiated
Power factor
0.99 typical
Safety ground leakage current
0.5 mA @ 50/60 Hz, 264 VAC input
Output
Maximum power
With cover: 350 W with 30 CFM forced air, (-C) (-CF) (-CEF)
Adjustment range
± 5% min. on main: 3.3-24 V on output 4
Supervisory output
5 V @ 500 mA regulated, 12 @ 150 mA x2
Hold-up time
20 ms @ 350 W load, 115 VAC nominal line
Overload protection
Short circuit protection on all outputs. Case overload protected
@ 110-145% above peak rating
Overvoltage protection
5 V output: 5.7 - 6.7 VDC
Data Sheet


Similar Part No. - LPQ350

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPQ350 ASTEC-LPQ350 Datasheet
144Kb / 2P
350 Watts
logo
Emerson Network Power
LPQ350 EMERSON-NETWORKPOWER-LPQ350 Datasheet
144Kb / 2P
Active power factor correction
More results

Similar Description - LPQ350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4946 STMICROELECTRONICS-L4946 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4946B STMICROELECTRONICS-L4946B Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
L4948 STMICROELECTRONICS-L4948 Datasheet
88Kb / 9P
QUAD VOLTAGE REGULATOR WITH INHIBIT AND RESET
Jun-2000
logo
Dallas Semiconductor
DS1632 DALLAS-DS1632 Datasheet
138Kb / 6P
PC Power-Fail and Reset Controller
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX7387 MAXIM-MAX7387_06 Datasheet
605Kb / 12P
System Monitoring Oscillator with Watchdog and Power Fail
19-3896; Rev 1; 1/06
logo
Power-One
ABC300 POWER-ONE-ABC300 Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
STMicroelectronics
L6732C STMICROELECTRONICS-L6732C Datasheet
898Kb / 32P
Soft-start and inhibit
29-May-2006
logo
Artesyn Technologies
NTS500 ARTESYN-NTS500 Datasheet
929Kb / 5P
Power fail and remote inhibit
logo
Maxim Integrated Produc...
DS1632 MAXIM-DS1632 Datasheet
144Kb / 6P
PC Power-Fail and Reset Controller
060303
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com