Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERM02A18B Datasheet(PDF) 3 Page - Artesyn Technologies

Part # ERM02A18B
Description  Fire potection meets EN45545-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ERM02A18B Datasheet(HTML) 3 Page - Artesyn Technologies

  ERM02A18B Datasheet HTML 1Page - Artesyn Technologies ERM02A18B Datasheet HTML 2Page - Artesyn Technologies ERM02A18B Datasheet HTML 3Page - Artesyn Technologies ERM02A18B Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ERM 10W Series Data Sheet
Mechanical Drawings
Physical Characteristics
Case Size
50.8 x 25.4 x 11 mm (2.0 x 1.0 x 0.43 inches)
Case Material
Red copper, powder coating
Base Material
FR4 PCB (flammability to UL 94V-0 rated)
Insulated Frame
Material
Non-conductive black plastic (flammability to UL 94V-0
rated)
Pin Material
Tinned copper
Potting Material
Epoxy (flammability to UL 94V-0 rated)
Weight
40.5 g
To order the converter with heatsink, please add a suffix –HS (ERM00B110-HS) to order code.
T: 11.0 mm (0.43 inch) for 24 V Output Models
T: 10.2 mm (0.40 inch) for Other Output Models
• All dimensions in mm (inches)
• Tolerance: X.X±0.75 (X.XX±0.03)
X.XX±0.25 ( X.XXX±0.01)
• Pin diameter Ø 1.0 ±0.05 (0.04±0.002)
ERMxxxxxB Models
ERMxxxxx Models
Pin Connectors - ERMxxxxx Models
Pin No.
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
Remote On/Off
4
+Vout
+Vout
5
Trim
Common
6
-Vout
-Vout
10.16
25.4 [1.00]
[0.40]
10.16
[0.40]
2.54
[0.10]
5.08
[0.20]
Bottom View
11.0
[0.43]
6.0
[0.24]
6
5
4
1
2
3
1.85
[0.07]
7.62
[0.30]
10.16
[0.40]
10.16
25.4 [1.00]
[0.40]
10.16
[0.40]
2.54
[0.10]
10.16
[0.40]
5.08
[0.20]
Bottom View
6
5
4
1
2
3
1.85
5.08
[0.20]
[0.07]
11.0
[0.43]
6.0
[0.24]
Pin Connectors - ERMxxxxxB Models
Pin No.
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
Remote On/Off
4
+Vout
+Vout
5
-Vout
Common
6
Trim
-Vout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com