Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERM02A18B Datasheet(PDF) 1 Page - Artesyn Technologies

Part # ERM02A18B
Description  Fire potection meets EN45545-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ERM02A18B Datasheet(HTML) 1 Page - Artesyn Technologies

  ERM02A18B Datasheet HTML 1Page - Artesyn Technologies ERM02A18B Datasheet HTML 2Page - Artesyn Technologies ERM02A18B Datasheet HTML 3Page - Artesyn Technologies ERM02A18B Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWER
ERM Series
10 Watts
Total Power: 10 Watts
Input Voltage: 12 V, 24 V, 48 V,
72 V or 110 V
# of Outputs: Single, Dual
SPECIAL FEATURES
ƒ
Encapsulated
ƒ
Wide 4:1 input range
ƒ
1” x 2” DIP package
ƒ
3000 Vac rms I/O isolation
ƒ
Single and dual output
ƒ
OCP, OVP, OTP protection
ƒ
Remote On/Off
ƒ
High efficiency: 88%
ƒ
Fire potection meets EN45545-2
ƒ
Railway EMC standard
EN50121-3-2
SAFETY
ƒ
UL/cUL 62368-1 (60950-1)
ƒ
IEC/EN 62368-1 (60950-1)
ƒ
IEC/EN 50155 (IEC60571)
Electrical Specifications
Input
Input range
9 to 36 Vdc; 18 to 75 Vdc; 40 to 160 Vdc
Efficiency2
88% @ 24 Vo
Output
Voltage tolerance
±1.0%
Line regulation
±0.2%
Load regulation
Single output: ±0.5%; Dual output ±1.0%
Noise/ripple
150 mV
OCP and S/C protection
Hiccup
Overvoltage protection
Latched
Switching frequency
320 KHz
Temperature co-efficient
±0.02 /°C
Isolation
I/O isolation
3000 Vac rms min.
Insulation resistance
1000 Mohm
Insulation capacitance
1500 pF
Data Sheet
Environmental Specifications
Operating ambient temperature range
-40 °C to +85 °C (with derating)
Storage temperature
-50 °C to +125 °C
Humidity
5% to 95% (non-condensing)


Similar Part No. - ERM02A18B

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
ERM02H110 ARTESYN-ERM02H110 Datasheet
442Kb / 2P
Total Power: 50 W
ERM02H72 ARTESYN-ERM02H72 Datasheet
442Kb / 2P
Total Power: 50 W
More results

Similar Description - ERM02A18B

ManufacturerPart #DatasheetDescription
logo
Power-One
MPB80 POWER-ONE-MPB80 Datasheet
72Kb / 4P
Power Factor Correction (PFC) Meets EN61000-3-2
MPU150 POWER-ONE-MPU150 Datasheet
156Kb / 4P
Power Factor Correction (PFC) Meets EN61000-3-2
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
Fire Command Center, Fire Annunciator
D1257 ETC2-D1257 Datasheet
121Kb / 2P
Fire Annunciator
logo
Honeywell Solid State E...
GWF402 HONEYWELL-GWF402 Datasheet
72Kb / 2P
2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Astec America, Inc
ALO20F36 ASTEC-ALO20F36 Datasheet
118Kb / 2P
Meets Basic Insulation
logo
Laird Tech Smart Techno...
QR-13AF LSTD-QR-13AF Datasheet
201Kb / 2P
Fire retardant
logo
Vishay Siliconix
VS-30MQ040HM3 VISHAY-VS-30MQ040HM3 Datasheet
128Kb / 6P
Meets JESD 201 class 2 whisker test
02-Apr-15
logo
3M Electronics
E-54A 3M-E-54A Datasheet
157Kb / 3P
Fire Protection Products
logo
Schneider Electric
SSP030DRSE10 SCHNEIDER-SSP030DRSE10 Datasheet
81Kb / 1P
Video/Security/Fire
12-Feb-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com