Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB80 Datasheet (PDF) - Power-One

MPB80 Datasheet PDF - Power-One
Part # MPB80
Download  MPB80 Download
File Size   72.73 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description Power Factor Correction (PFC) Meets EN61000-3-2

MPB80 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPB80 Datasheet PDF - Power-One

Part # MPB80
Download  MPB80 Click to download

File Size   72.73 Kbytes
Page   4 Pages
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One
Description Power Factor Correction (PFC) Meets EN61000-3-2

MPB80 Datasheet (HTML) - Power-One


MPB80 Product details

Description

The MPB80 combines high density power and other standard features usually found in premium power systems. The low-profile package neatly fits 1U height constraints in an industry-standard 3" X 5" footprint. This Power Factor Corrected (PFC), multiple-output product line features overvoltage and overcurrent protection. In addition to UL, CSA, and TÜV, regulatory agency compliances include the CE Marking and harmonic compliance to EN61000-3-2.



Features

• RoHS lead-solder-exemption compliant

• Power Factor Correction (PFC) Meets EN61000-3-2

• Low-profile height fits 1U constraints

• High 3.3V and 5V current capabilities available

• CE marked to Low Voltage Directive

• Autoranging AC input, 85-264 VAC

• Overvoltage protection on the main output




Similar Part No. - MPB80

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
MPB HAMMOND-MPB Datasheet
185Kb / 3P
Petits bo챤tiers pour boutons-poussoirs en acier doux de type 12
logo
RUBYCON CORPORATION
MPB RUBYCON-MPB Datasheet
150Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MicroPower Direct, LLC
MPB-05S MPD-MPB-05S Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-03 MPD-MPB-05S-03 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
MPB-05S-05 MPD-MPB-05S-05 Datasheet
337Kb / 2P
Miniature PCB-Mount, 5W, Open Frame AC/DC Power Supplies
More results


Similar Description - MPB80

ManufacturerPart #DatasheetDescription
logo
Power-One
MPU150 POWER-ONE-MPU150 Datasheet
156Kb / 4P
Power Factor Correction (PFC) Meets EN61000-3-2
logo
Sparkle Power Inc.
FSP250-60FAG SPI-FSP250-60FAG Datasheet
38Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-60SBV SPI-FSP250-60SBV Datasheet
309Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-70PFU SPI-FSP250-70PFU Datasheet
40Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP500-70AAPB SPI-FSP500-70AAPB Datasheet
97Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60UAP SPI-FSP300-60UAP Datasheet
98Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60WAP SPI-FSP300-60WAP Datasheet
95Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP350-60UAP SPI-FSP350-60UAP Datasheet
98Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
FSP400-60WAP SPI-FSP400-60WAP Datasheet
95Kb / 1P
Active Power Factor Correction (PFC) meet EN61000-3-2
logo
Bel Fuse Inc.
PFC500 BEL-PFC500 Datasheet
823Kb / 5P
Power Factor Correction meets EN61000-3-2 (AC input versions)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com